Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOM-4544P-2-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AOM-4544P-2-R
Description  9.7mm overall diameter and 4.5mm height with pin-type mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AOM-4544P-2-R Datasheet(HTML) 1 Page - PUI audio inc.

  AOM-4544P-2-R Datasheet HTML 1Page - PUI audio inc. AOM-4544P-2-R Datasheet HTML 2Page - PUI audio inc. AOM-4544P-2-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 7/15.
AOM-4544P-2-R
Omni-Directional
Microphone
Product Overview
,
3541 Stop Eight Road • Dayton, Ohio 45414
Typical Frequency Response and Sensitivity


Similar Part No. - AOM-4544P-2-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AOM-4544P-2-R PUI-AOM-4544P-2-R Datasheet
58Kb / 1P
MICROPHONE
More results

Similar Description - AOM-4544P-2-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
ANM-5254L-R PUIAUDIO-ANM-5254L-R Datasheet
542Kb / 3P
9.7mm overall diameter and 5.2mm height with solder pads
AOM-5024L-HD-R PUIAUDIO-AOM-5024L-HD-R Datasheet
462Kb / 5P
9.7mm diameter
AOM-6738L-R PUIAUDIO-AOM-6738L-R Datasheet
562Kb / 3P
9.7mm overall diameter and 6.7mm height with solder pads
POM-2242P-C33-R PUIAUDIO-POM-2242P-C33-R Datasheet
464Kb / 3P
6mm overall diameter and 2.2mm height with pin terminals
POM-2244L-C33-R PUIAUDIO-POM-2244L-C33-R Datasheet
909Kb / 3P
6mm overall diameter and 2.2mm height
POM-2246P-C33-R PUIAUDIO-POM-2246P-C33-R Datasheet
557Kb / 3P
6mm overall diameter and 2.2mm height with pin terminals
POM-2738P-C33-R PUIAUDIO-POM-2738P-C33-R Datasheet
466Kb / 3P
6mm overall diameter and 2.7mm height with pin terminals
POM-2742P-2-R PUIAUDIO-POM-2742P-2-R Datasheet
460Kb / 3P
6mm overall diameter and 2.7mm geight with pin terminals
POM-2744P-C33-R PUIAUDIO-POM-2744P-C33-R Datasheet
521Kb / 3P
6mm overall diameter and 2.7mm height with pin terminals
POW-1644P-B-R PUIAUDIO-POW-1644P-B-R Datasheet
461Kb / 3P
7.1mm overall diameter and 2.6mm height with pin terminals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com