Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOM-6738L-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # AOM-6738L-R
Description  9.7mm overall diameter and 6.7mm height with solder pads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AOM-6738L-R Datasheet(HTML) 2 Page - PUI audio inc.

  AOM-6738L-R Datasheet HTML 1Page - PUI audio inc. AOM-6738L-R Datasheet HTML 2Page - PUI audio inc. AOM-6738L-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 12/15.
Mechanical and Environment Testing
Test Description
Test Condition
High Temperature
70°C with random humidity for 200 hours
Low Temperature
-25°C with random humidity for 200 hours
Humidity
40°C with 90% relative humidity for 200 hours
Vibration
3 mm movement for 3 minutes in each of 3 axis
Drop Test
70 cm free fall onto 20 mm thick board, two directions
Temperature Cycle Test
-10°C to 50°C, 5 cycles
Recommended Drive Circuit
AOM-6738L-R
Omni-Directional
Microphone
Microphone Polar Response Plot



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com