Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79Q031JC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AM79Q031JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031JC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AM79Q031JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 14Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
SLAC Products
11
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . –60°C < TA < +125°C
Ambient Operating Temperature –40°C < TA < +85°C
Ambient Relative Humidity . . . . . . . . . . . . 5% to 95%
(non-condensing)
VCCA with respect to AGND . . . . . . . .–0.4 V to +7.0 V
VCCA with respect to VCCD . . . . . . . . . . . . . . ±50 mV
VCCD with respect to DGND. . . . . . . .–0.4 V to +7.0 V
VIN with respect to AGND . . .–0.4 V to (VCCA +0.4 V)
AGND with respect to DGND . . . . . . . . . . . . . . ±0.4 V
Other pins
with respect to DGND . . . . . –0.4 V to VCCD +0.4 V
Total combined CD1–C5 current per device:
Source from VCCD . . . . . . . . . . . . . . . . . . . . . 40 mA
Sink into DGND . . . . . . . . . . . . . . . . . . . . . . . . 40 mA
Latch-up immunity (any pin). . . . . . . . . . . . . ±100 mA
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality
at or above these limits is not implied. Exposure to
Absolute Maximum Ratings for extended periods may
affect device reliability.
OPERATING RANGES
VCCA, Analog Supply . . . . . . . . . . . . . +5.0 V ±0.25 V
VCCA, Analog Supply . . . . . . . . . . . . . . VCCD ±10 mV
VCCD, Digital Supply . . . . . . . . . . . . . +5.0 V ±0.25 V
DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V
AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±50 mV
Ambient Temperature . . . . . . . . . . . 0°C < TA < +70°C
Ambient Relative Humidity . . . . . . . . . . . 15% to 95%
Operating Ranges define those limits between which
functionality of the device is guaranteed by production testing.
Functionality of the device from 0
°C to +70°C is guaranteed
by production testing. Performance from –40
°C to +85°C is
guaranteed by characterization and periodic sampling of
production units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com