Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAN222 Datasheet(PDF) 1 Page - ON Semiconductor

Part # DAN222
Description  COMMON CATHODE SILICON DUAL SWITCHING DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAN222 Datasheet(HTML) 1 Page - ON Semiconductor

  DAN222 Datasheet HTML 1Page - ON Semiconductor DAN222 Datasheet HTML 2Page - ON Semiconductor DAN222 Datasheet HTML 3Page - ON Semiconductor DAN222 Datasheet HTML 4Page - ON Semiconductor DAN222 Datasheet HTML 5Page - ON Semiconductor DAN222 Datasheet HTML 6Page - ON Semiconductor DAN222 Datasheet HTML 7Page - ON Semiconductor DAN222 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 2
1
Publication Order Number:
DAN222/D
DAN222
Common Cathode Silicon
Dual Switching Diode
This Common Cathode Silicon Epitaxial Planar Dual Diode is
designed for use in ultra high speed switching applications. This
device is housed in the SOT–416/SC–90 package which is designed
for low power surface mount applications, where board space is at a
premium.
• Fast t
rr
• Low C
D
• Available in 8 mm Tape and Reel
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
80
Vdc
Peak Reverse Voltage
VRM
80
Vdc
Forward Current
IF
100
mAdc
Peak Forward Current
IFM
300
mAdc
Peak Forward Surge Current
IFSM(1)
2.0
Adc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
1. t = 1
µS
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
SOT–416
CASE 463
STYLE 3
DEVICE MARKING
N9
DAN222
SOT–416
3000/Tape & Reel
CATHODE
3
12
ANODE
SOT–416/SC–90 PACKAGE
COMMON CATHODE
DUAL SWITCHING DIODE
SURFACE MOUNT
1
2
3


Similar Part No. - DAN222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DAN222 MOTOROLA-DAN222 Datasheet
90Kb / 6P
SOT-416/SC-90 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE SURFACE MOUNT
logo
Diodes Incorporated
DAN222 DIODES-DAN222 Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAN222 ROHM-DAN222 Datasheet
185Kb / 3P
Switching diode
logo
ON Semiconductor
DAN222 ONSEMI-DAN222 Datasheet
49Kb / 4P
Common Cathode Silicon Dual Switching Diode
March, 2006 ??Rev. 4
logo
TRANSYS Electronics Lim...
DAN222 TEL-DAN222 Datasheet
56Kb / 1P
SWITCHING DIODE
More results

Similar Description - DAN222

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDAN222T1 LRC-LDAN222T1 Datasheet
143Kb / 3P
Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
DAN222 ONSEMI-DAN222_06 Datasheet
49Kb / 4P
Common Cathode Silicon Dual Switching Diode
March, 2006 ??Rev. 4
M1MA141WKT1 ONSEMI-M1MA141WKT1 Datasheet
50Kb / 4P
Common Cathode Silicon Dual Switching Diode
November, 2005 ??Rev. 7
DAN222G ONSEMI-DAN222G Datasheet
125Kb / 4P
Common Cathode Silicon Dual Switching Diode
October, 2010 -- Rev. 6
M1MA141WKT1G ONSEMI-M1MA141WKT1G_11 Datasheet
133Kb / 4P
Common Cathode Silicon Dual Switching Diode
November, 2011 ??Rev. 9
logo
Leshan Radio Company
LDAN222T1G LRC-LDAN222T1G_15 Datasheet
223Kb / 3P
Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
DAN222M3T5G ONSEMI-DAN222M3T5G Datasheet
94Kb / 4P
Common Cathode Silicon Dual Switching Diode
January, 2013 ??Rev. 6
logo
Leshan Radio Company
LDAN222T1G LRC-LDAN222T1G Datasheet
168Kb / 4P
Common Cathode Silicon Dual Switching Diode
logo
First Silicon Co., Ltd
FDS222 FS-FDS222 Datasheet
106Kb / 4P
Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
DAN222 ONSEMI-DAN222_V01 Datasheet
165Kb / 5P
Common Cathode Silicon Dual Switching Diode
September, 2013 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com