Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34910 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34910
Description  High Voltage (40V, 1.25A) Step Down Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34910 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM34910 Datasheet HTML 3Page - National Semiconductor (TI) LM34910 Datasheet HTML 4Page - National Semiconductor (TI) LM34910 Datasheet HTML 5Page - National Semiconductor (TI) LM34910 Datasheet HTML 6Page - National Semiconductor (TI) LM34910 Datasheet HTML 7Page - National Semiconductor (TI) LM34910 Datasheet HTML 8Page - National Semiconductor (TI) LM34910 Datasheet HTML 9Page - National Semiconductor (TI) LM34910 Datasheet HTML 10Page - National Semiconductor (TI) LM34910 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Start-up Regulator, V
CC
The start-up regulator is integral to the LM34910. The input
pin (V
IN) can be connected directly to line voltage up to 36V,
with transient capability to 40V. The V
CC output regulates at
7.0V, and is current limited to 9 mA. Upon power up, the
regulator sources current into the external capacitor at V
CC
(C3). When the voltage on the V
CC pin reaches the under-
voltage lockout threshold of 5.8V, the buck switch is enabled
and the Softstart pin is released to allow the Softstart capaci-
tor (C6) to charge up.
The minimum input voltage is determined by the regulator’s
dropout voltage, the V
CC UVLO falling threshold (
)5.7V),
and the frequency. When V
CC falls below the falling thresh-
old the V
CC UVLO activates to shut off the output. If VCC is
externally loaded, the minimum input voltage increases
since the output impedance at V
CC is
)140
Ω. See Figure 2.
To reduce power dissipation in the start-up regulator, an
auxiliary voltage can be diode connected to the V
CC pin.
Setting the auxiliary voltage to between 8V and 14V shuts off
the internal regulator, reducing internal power dissipation.
The sum of the auxiliary voltage and the input voltage (V
CC
+V
IN) cannot exceed 50V. Internally, a diode connects VCC
to V
IN. See Figure 5.
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the
Softstart pin (2.5V). In normal operation (the output voltage
is regulated), an on-time period is initiated when the voltage
at FB falls below 2.5V. The buck switch stays on for the
on-time, causing the FB voltage to rise above 2.5V. After the
on-time period, the buck switch stays off until the FB voltage
falls below 2.5V. Bias current at the FB pin is nominally 100
nA.
Over-Voltage Comparator
The voltage at FB is compared to an internal 2.875V refer-
ence. If the voltage at FB rises above 2.875V the on-time
pulse is immediately terminated. This condition can occur if
the input voltage or the output load changes suddenly, or if
the inductor (L1) saturates. The buck switch remains off until
the voltage at FB falls below 2.5V.
ON-Time Timer, and Shutdown
The on-time for the LM34910 is determined by the R
ON
resistor and the input voltage (V
IN), and is calculated from:
(4)
See Figure 3. The inverse relationship with V
IN results in a
nearly constant frequency as V
IN is varied. RON should be
selected for a minimum on-time (at maximum V
IN) greater
than 200 ns. This requirement limits the maximum frequency
for each application, depending on V
IN and VOUT, calculated
from the following:
(5)
The LM34910 can be remotely shut down by taking the
R
ON/SD pin below 0.65V. See Figure 6. In this mode the SS
pin is internally grounded, the on-timer is disabled, and bias
currents are reduced. Releasing the R
ON/SD pin allows nor-
mal operation to resume. The voltage at the R
ON/SD pin is
between 1.5V and 3.0V, depending on V
IN and the RON
resistor.
20110911
FIGURE 5. Self Biased Configuration
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com