Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS03104MR-N50-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS03104MR-N50-R
Description  Silver poly cone and foam surround
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03104MR-N50-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS03104MR-N50-R Datasheet HTML 1Page - PUI audio inc. AS03104MR-N50-R Datasheet HTML 2Page - PUI audio inc. AS03104MR-N50-R Datasheet HTML 3Page - PUI audio inc. AS03104MR-N50-R Datasheet HTML 4Page - PUI audio inc. AS03104MR-N50-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS03104MR-N50-R
Introducing the N50 Mini Speaker Series from PUI Audio. High-grade
neodymium magnetic motors are employed in each N50 Series speaker to create
the highest output possible, in the smallest form factor.
The 31mm diameter AS03104MR-N50-R features a moisture resistant silver
poly cone. The foam surround provides progressive damping for low distortion
and flat frequency response from 200 Hz to 20 kHz. Twin frame supports makes
mounting simple.
Features:
Silver poly cone and foam surround
High 81 dB output at 1W/50cm
N50 neodymium motor
Only 15mm thick
2mm of excursion
Specifications
Parameters
Values
Units
Rated Input Power
3
Watts
Max Input Power
5
Watts
Impedance
4 ± 15%
Ohms
Sensitivity (SPL @ 1W/50cm)
(800, 1000, 1200, and 1500 Hz)
81 ± 3
dBA
Distortion (Max @ 1W, 1 kHz)
<5%
Resonant Frequency
300 ± 20%
Hz
Frequency Range
200 ~ 20,000
Hz
Housing Material
ABS
Magnet Material
NdFeB
Weight
31
Grams


Similar Part No. - AS03104MR-N50-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
logo
PUI audio inc.
AS03008MR-R PUIAUDIO-AS03008MR-R Datasheet
313Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
AS03204MS-3-R PUIAUDIO-AS03204MS-3-R Datasheet
415Kb / 4P
IP67 rated speaker face
AS03208MS-3-R PUIAUDIO-AS03208MS-3-R Datasheet
449Kb / 4P
IP65 rated speaker face
logo
Projects Unlimited, Inc...
AS03508CO-2-R PUI-AS03508CO-2-R Datasheet
286Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results

Similar Description - AS03104MR-N50-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC83-8 ETC2-PC83-8 Datasheet
338Kb / 1P
3 Full-Range Poly Cone Driver
logo
PUI audio inc.
AR01232MS-SC12-WP-R PUIAUDIO-AR01232MS-SC12-WP-R Datasheet
698Kb / 6P
Custom-molded poly cone designed for voice articulation
AS01808PR-N50-R PUIAUDIO-AS01808PR-N50-R Datasheet
627Kb / 5P
Paper cone with inverted foam surround
AS02504PR-N50-R PUIAUDIO-AS02504PR-N50-R Datasheet
616Kb / 5P
Paper cone and rubber surround
AS02804PR-N50-R PUIAUDIO-AS02804PR-N50-R Datasheet
562Kb / 5P
Paper cone and foam surround
AS03604MR-N50-R PUIAUDIO-AS03604MR-N50-R Datasheet
806Kb / 5P
Black poly cone and rubber surround
AS04004MR-N50-R PUIAUDIO-AS04004MR-N50-R Datasheet
616Kb / 5P
Silver poly cone and rubber surround
AS04004MR-N50-WP-R PUIAUDIO-AS04004MR-N50-WP-R Datasheet
397Kb / 6P
Silver poly cone and rubber surround
AS08304CR-R PUIAUDIO-AS08304CR-R Datasheet
932Kb / 4P
Woven glass-fiber cone and rubber surround for weather resistance
AS08308CR-R PUIAUDIO-AS08308CR-R Datasheet
931Kb / 4P
Woven glass-fiber cone and rubber surround for weather resistance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com