Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL23D3 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL23D3
Description  USB HID to SPI Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL23D3 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL23D3 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
PL23D3 Product Brochure
v1.0 4/21/19’
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
OVERVIEW
The PL23D3 is a high performance single-chip USB HID to SPI bridge controller for connecting various SPI
interface devices to any Universal Serial Bus (USB) capable host. The PL23D3 implements the standard
USB Human Interface Device (HID) device class which is natively supported in most operating systems; so
the PL23D3 does not need any custom driver installation. The operating system or USB host communicates
with the PL23D3 through HID application software developed based on Prolific Windows/Mac/Linux DLL
libraries.
The PL23D3 is designed to support a wide-range of SPI domain including portable, embedded, industrial,
consumer devices. With very small power consumption in either operating or suspend mode, the PL23D3 is
perfect for self-powered operation and can reserve power for the attached SIP devices. Flexible signal
voltage option allows the PL23D3 to connect directly to SPI devices with 5V~1.8V signals.
FEATURES
Full Compliant with USB Specification v2.0 (Full-Speed)
Full Compliant with USB HID class driver
On-chip USB 1.1 transceiver and 5V to 3.3V regulator
On-chip 96MHz Clock Generator
USB Human Interface Device (HID) class:
- No driver installation needed for Windows, Mac,
Linux, and Android.
- Provides HID-to-SPI SDK (DLL libraries) for
application development.
USB HID to SPI specification support
- Supports SPI Master mode.
- Supports clock rate up to 6MHz.
- Supports two Chip Select lines.
1024-byte bi-directional data buffers (768-byte
receive/256-byte transmit).
Package type: QFN16
PL23D3
USB HID to SPI Bridge Controller
BLOCK DIAGRAM


Similar Part No. - PL23D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL2303 ETC1-PL2303 Datasheet
144Kb / 11P
PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
Prolific Technology Inc...
PL2303 PROLIFIC-PL2303 Datasheet
1Mb / 30P
USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL2303 ETC-PL2303 Datasheet
149Kb / 11P
PL-2303 USB to RS-232 Bridge Controller
PL2303EA ETC2-PL2303EA Datasheet
177Kb / 1P
Supports remote wake-up from MODEM input signals
logo
Prolific Technology Inc...
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
USB to Serial Bridge Controller
More results

Similar Description - PL23D3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45B0K HOLTEK-HT45B0K Datasheet
245Kb / 23P
SPI to USB Bridge
logo
Silicon Laboratories
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
SINGLE-CHIP HID USB TO UART BRIDGE
CP2112 SILABS-CP2112 Datasheet
225Kb / 22P
SINGLE-CHIP HID USB TO SMBUS MASTER BRIDGE
logo
Future Technology Devic...
FT260Q-R FTDI-FT260Q-R Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
logo
Holtek Semiconductor In...
HT42B533-1 HOLTEK-HT42B533-1 Datasheet
1Mb / 18P
USB to SPI Bridge IC
January 05, 2017
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
December 21, 2016
HT45B0K HOLTEK-HT45B0K_12 Datasheet
3Mb / 24P
SPI to USB Bridge
September 24, 2012
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
logo
Prolific Technology Inc...
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
USB HID to Serial Bridge Controller
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
USB HID to I2C Bridge Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com