Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5949 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5949
Description  -48V Hot-Swap Controllers with External RSENSE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5949 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5949 Datasheet HTML 9Page - Maxim Integrated Products MAX5949 Datasheet HTML 10Page - Maxim Integrated Products MAX5949 Datasheet HTML 11Page - Maxim Integrated Products MAX5949 Datasheet HTML 12Page - Maxim Integrated Products MAX5949 Datasheet HTML 13Page - Maxim Integrated Products MAX5949 Datasheet HTML 14Page - Maxim Integrated Products MAX5949 Datasheet HTML 15Page - Maxim Integrated Products MAX5949 Datasheet HTML 16Page - Maxim Integrated Products MAX5949 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
-48V Hot-Swap Controllers
with External RSENSE
______________________________________________________________________________________
13
PWRGD
GATE
I1
VEE
VGH
VDL
∆VGATE
-48V
R1
R2
C1
Q1
R3
C2
MAX5949B
VIN+
VIN-
C3
N Q2
Q3
N
VOUT+
VOUT-
ON/OFF
ACTIVE-HIGH
ENABLE MODULE
DRAIN
GATE
SENSE
VEE
VDD
R4
R5
R6
*
*DIODES INC. SMAT70A.
-48V RTN
-48V RTN
(SHORT PIN)
UV
OV
Figure 13. Active-High Enable Module
PWRGD
VEE
VGH
GATE
VDL
∆VGATE
-48V
R1
R2
C1
Q1
R3
C2
MAX5949A
VIN+
VIN-
C3
VOUT+
VOUT-
ON/OFF
ACTIVE-LOW
ENABLE MODULE
DRAIN
GATE
SENSE
VEE
VDD
R4
R5
R6
*
*DIODES INC. SMAT70A.
-48V RTN
-48V RTN
(SHORT PIN)
UV
OV
N
Q2
Figure 14. Active-Low Enable Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com