Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCC95 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCC95
Description  Thyristor Modules Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC95 Datasheet(HTML) 1 Page - IXYS Corporation

  MCC95 Datasheet HTML 1Page - IXYS Corporation MCC95 Datasheet HTML 2Page - IXYS Corporation MCC95 Datasheet HTML 3Page - IXYS Corporation MCC95 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 IXYS All rights reserved
1 - 4
I
TRMS
= 2x 180 A
I
TAVM
= 2x 116 A
V
RRM = 800-1800 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
Version 1
Version 8
900
800
MCC 95-08io1 B
--
MCC 95-08io8 B
MCD 95-08io8 B
1300
1200
MCC 95-12io1 B MCD 95-12io1 B
MCC 95-12io8 B
MCD 95-12io8 B
1500
1400
MCC 95-14io1 B
--
MCC 95-14io8 B
MCD 95-14io8 B
1700
1600
MCC 95-16io1 B MCD 95-16io1 B
MCC 95-16io8 B
MCD 95-16io8 B
1900
1800
MCC 95-18io1 B
--
MCC 95-18io8 B
MCD 95-18io8 B
1500
1400
MCC 95-16io1
1700
1600
MCC 95-18io1
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Maximum Ratings
I
TRMS, IFRMS
T
VJ = TVJM
180
A
I
TAVM, IFAVM
T
C = 85°C; 180° sine
116
A
I
TSM, IFSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
2250
A
V
R = 0
t = 8.3 ms (60 Hz), sine
2400
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
2000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
2150
A
òi2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
25 300
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
23 900
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
20 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
19 100
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 250 A
150
A/
ms
f =50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.45 A
non repetitive, I
T = ITAVM
500
A/
ms
di
G/dt = 0.45 A/ms
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
ms10
W
I
T = ITAVM
t
P = 300 ms5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Terminal connection torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Weight
Typical including screws
90
g
Features
q
International standard package,
JEDEC TO-240 AA
q
Direct copper bonded Al
2O3 -ceramic
base plate
q
Planar passivated chips
q
Isolation voltage 3600 V~
q
UL registered, E 72873
q
Gate-cathode twin pins for version 1
Applications
q
DC motor control
q
Softstart AC motor controller
q
Light, heat and temperature control
Advantages
q
Space and weight savings
q
Simple mounting with two screws
q
Improved temperature and power
cycling
q
Reduced protection circuits
MCC 95
MCD 95
Thyristor Modules
Thyristor/Diode Modules
6
7
4
5
3
2
1
TO-240 AA
MCD
Version 8
MCC
Version 8
MCC
Version 1
36 7 1
5 4 2
36
1
5 2
31
5 2
31
5 4 2
MCD
Version 1


Similar Part No. - MCC95

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC95-08IO1B IXYS-MCC95-08IO1B Datasheet
534Kb / 6P
Thyristor Module
MCC95-08IO8B IXYS-MCC95-08IO8B Datasheet
306Kb / 6P
Thyristor Module
MCC95-12IO1B IXYS-MCC95-12IO1B Datasheet
534Kb / 6P
Thyristor Module
MCC95-12IO8B IXYS-MCC95-12IO8B Datasheet
306Kb / 6P
Thyristor Module
MCC95-14IO1B IXYS-MCC95-14IO1B Datasheet
534Kb / 6P
Phase leg
More results

Similar Description - MCC95

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com