Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56004XDP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA56004XDP
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004XDP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA56004XDP Datasheet HTML 15Page - NXP Semiconductors SA56004XDP Datasheet HTML 16Page - NXP Semiconductors SA56004XDP Datasheet HTML 17Page - NXP Semiconductors SA56004XDP Datasheet HTML 18Page - NXP Semiconductors SA56004XDP Datasheet HTML 19Page - NXP Semiconductors SA56004XDP Datasheet HTML 20Page - NXP Semiconductors SA56004XDP Datasheet HTML 21Page - NXP Semiconductors SA56004XDP Datasheet HTML 22Page - NXP Semiconductors SA56004XDP Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
21
TSSOP8:
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com