Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS07708PS-2-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AS07708PS-2-R
Description  77mm speaker with square frame and 90 dB sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS07708PS-2-R Datasheet(HTML) 3 Page - PUI audio inc.

  AS07708PS-2-R Datasheet HTML 1Page - PUI audio inc. AS07708PS-2-R Datasheet HTML 2Page - PUI audio inc. AS07708PS-2-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Speaker
AS07708PS-2-R
B.R.
B.R.
E.P.
3/30/2006
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
1/28/2009
Date
3/30/2006
Date
3/30/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
AS07708PS-2-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
3/30/2006
A
ADDED MOUNTING HOLE DIMENSION
12/19/2007
R.W.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
1/28/2009
B.R.
C
REVISED SEVERAL DIMENSIONS AND SPECIFICATIONS
1/24/2011
B.R.
D
REVISED HOLE TO HOLE DIMENSION AND ROHS STATUS
7/16/2013
M.L.
E
REVISED OPERATING TEMPERATURE
9/16/2013
M.L.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
4
W
MAX INPUT POWER
8
W
IMPEDANCE
8
15%
OHM
OUTPUT SPL @ 1W/0.5M
(AT 0.4, 0.5, 0.6, 0.8 kHz)
90
3
dBA
DISTORTION (MAX.)
5%
-
RESONANT FREQUENCY
250
20%
Hz
FREQUENCY RANGE
250 ~ 10,000
Hz
HOUSING MATERIAL
METAL
-
CONE MATERIAL
PAPER
-
MAGNET MATERIAL
FERRITE
-
OPERATING TEMPERATURE
-40 ~ +85
C
WEIGHT
118
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
77
1
85
0.2
4.3
0.2 (4)
40
0.8
45
0.8
70
0.3
27
1
2.7
0.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com