Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP4007G Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP4007G
Description  Telecommunication Measurement Equipment Security Equipment FA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4007G Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP4007G Datasheet HTML 1Page - Toshiba Semiconductor TLP4007G Datasheet HTML 2Page - Toshiba Semiconductor TLP4007G Datasheet HTML 3Page - Toshiba Semiconductor TLP4007G Datasheet HTML 4Page - Toshiba Semiconductor TLP4007G Datasheet HTML 5Page - Toshiba Semiconductor TLP4007G Datasheet HTML 6Page - Toshiba Semiconductor TLP4007G Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP4007G
2003-01-14
2
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta >= 25°C)
DIF/°C
-0.5
mA/°C
Peak forward current
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
350
V
One channel operation
On-state current
Two channel operations
(1a1b simultaneous operation)
ION
100
mA
One channel operation
On-state current derating
(Ta >= 25°C)
Two channel operations
(1a1b simultaneous operation)
DION/°C
-1.0
mA/°C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55 to 125
°C
Operating temperature range
Topr
-40 to 85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min, R.H. <= 60%)
(Note 1)
BVS
2500
Vrms
Note 1: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7 and 8 are shorted together.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
¾
¾
280
V
Forward current
IF
5
10
25
mA
On-state current
ION
¾
¾
100
mA
Operating temperature
Topr
-20
¾
65
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
¾
¾
10
mA
Capacitance
CT
V
= 0, f = 1 MHz
¾
30
¾
pF
Off-state current
IOFF
VOFF = 350 V
¾
¾
1
mA
Capacitance (1b)
V
= 0, f = 1 MHz, IF = 5 mA
¾
30
¾
Capacitance (1a)
COFF
V
= 0, f = 1 MHz
¾
30
¾
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com