Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSU163F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSU163F
Description  TLSU163
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSU163F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSU163F Datasheet HTML 1Page - Toshiba Semiconductor TLSU163F Datasheet HTML 2Page - Toshiba Semiconductor TLSU163F Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TLSU163(F),TLSU164(F)
2003-06-26
2
指向特性
A : TLSU163
B : TLSU164
Ta = 25 °C
10°
90°
0
90°
0.2
0.4
0.6
0.8
80°
70°
60°
50°
40°
30°
20°
10°
0°
70°
80°
50°
60°
30°
40°
20°
1.0
B
A
波長特性
波
長
λ (nm)
0.8
0.6
0.4
0.2
0
1.0
560
580
600
620
640
660
680
IF = 20 mA
Ta = 25 °C
IF – Ta
周囲温度
Ta (°C)
30
20
10
0
40
0
20
40
60
80
100
ケース温度
Tc (°C)
IV – Tc
1
0.5
2
0.1
10
5
0.2
−25
0
25
50
75
100
順
電
流
IF (mA)
IV – IF
100
3000
500
5000
1000
300
10000
1
3
5
10
30
50
100
Ta = 25 °C
A : TLSU163
B : TLSU164
B
A
IF – VF
順
電
圧
VF (V)
1
100
50
20
5
10
2
1.6
1.8
2.0
2.2
2.4
2.6
Ta = 25 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com