Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114T Datasheet(PDF) 2 Page - ON Semiconductor

Part # DTC114T
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC114T Datasheet(HTML) 2 Page - ON Semiconductor

  DTC114T Datasheet HTML 1Page - ON Semiconductor DTC114T Datasheet HTML 2Page - ON Semiconductor DTC114T Datasheet HTML 3Page - ON Semiconductor DTC114T Datasheet HTML 4Page - ON Semiconductor DTC114T Datasheet HTML 5Page - ON Semiconductor DTC114T Datasheet HTML 6Page - ON Semiconductor DTC114T Datasheet HTML 7Page - ON Semiconductor DTC114T Datasheet HTML 8Page - ON Semiconductor DTC114T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DTC114E SERIES
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
—
—
100
nAdc
Collector–Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
—
—
500
nAdc
Emitter–Base Cutoff Current
DTC114E
(VEB = 6.0 V, IC = 0)
DTC124E
DTC144E
DTC114Y
DTC114T
DTC143T
DTD113E
DTC123E
DTC143E
DTC143Z
IEBO
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
mAdc
Collector–Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
—
—
Vdc
Collector–Emitter Breakdown Voltage (2.) (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
—
—
Vdc
ON CHARACTERISTICS (2.)
DC Current Gain
DTC114E
(VCE = 10 V, IC = 5.0 mA)
DTC124E
DTC144E
DTC114Y
DTC114T
DTC143T
DTD113E
DTC123E
DTC143E
DTC143Z
hFE
35
60
80
80
160
160
3.0
8.0
15
80
60
100
140
140
350
350
5.0
15
30
200
—
—
—
—
—
—
—
—
—
—
Collector–Emitter Saturation Voltage
(IC = 10 mA, IE = 0.3 mA) DTC144E/DTC114Y
(IC = 10 mA, IB = 0.3 mA) DTD113E/DTC143E
(IC = 10 mA, IB = 5 mA) DTC123E
(IC = 10 mA, IB = 1 mA) DTC114T/DTC143T/
(IC = 10 mA, IB = 1 mA) DTC143Z/DTC124E
VCE(sat)
—
—
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kΩ)
DTC114E
DTC124E
DTC114Y
DTC114T
DTC143T
DTD113E
DTC123E
DTC143E
DTC143Z
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kΩ)
DTC144E
VOL
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com