Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAC1507 Datasheet(PDF) 14 Page - First Silicon Co., Ltd

Part # FAC1507
Description  3A 150KHZ PWM Buck DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1507 Datasheet(HTML) 14 Page - First Silicon Co., Ltd

Back Button FAC1507 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 11Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 12Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 13Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 14Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 15Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Func�on Descrip�on(Cont.)
noise of this circuit and improves efficiency. A ground
plane is recommended to connect input capacitor, output
capacitor, and GND pin of the FAC1507.
In the FAC1507 buck regulator circuit, the two major
power dissipating components are the FAC1507 and
output inductor. The total power dissipation of converter
circuit can be measured by input power minus output
power.
Ptotal _loss
= V
IN
× I
IN
– V
O
× I
O
The power dissipation of inductor can be approximately
calculated by output current and DCR of inductor.
Pinductor _loss
= I
O
2 × R
inductor
× 1.1
The junction to ambient temperature can be got from
power dissipation in the FAC1507 and thermal impedance
from junction to ambient.
T (jun-amb)
=(P
totalloss
–P
inductorloss
)× Θ
JA
The maximum junction temperature of FAC1507 is 145°C,
which limits the maximum load current capability. Please
see the thermal de-rating curves for the maximum load
current of the FAC1507 under different ambient
temperatures.
The thermal performance of the FAC1507 is trongly
affected by the PCB layout. Extra care should be taken
by users during the design process to nsure that the IC
will operate under the recommended environmental
conditions.
Several layout tips are listed below for the best electric
and thermal performance.
1. Do not use thermal relief connection to the VIN and
the GND pin. Pour a maximized copper area to the GND
pin and the VIN pin to help thermal dissipation.
2. Input capacitor should be connected to the VIN pin
and the GND pin as close as possible.
3. Make the current trace from VOUT pins to L to the
GND as short as possible.
4. Pour copper plane on all unused board area and
connect it to stable DC nodes, like VIN, GND, or VOUT.
5. Keep sensitive signal traces such as trace connecting
FB pin away from the VOUT pins.
3A 150KHZ PWM Buck DC/DC Converter
FAC1507
2019. 03. 27
14/15
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com