Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAC2786FE Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # FAC2786FE
Description  3A , 30V Synch onus Rectified Step Down Conver er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2786FE Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button FAC2786FE Datasheet HTML 5Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 6Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 7Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 8Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 9Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 10Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 11Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 12Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FAC2786FE
2015.01. 26
10/13
Revision No : 0
Function Description
Main Control Loop
The FAC2786 is a constant frequency current mode switching
regulator. During normal operation, the internal N-channel
power MOSFET is turned on each cycle when the oscillator
sets an internal RS latch and would be turned off when an
internal current comparator (ICMP) resets the latch. The
peak inductor current at which ICMP resets the RS latch is
controlled by the voltage on the COMP pin, which is the
output of the error amplifier (EAMP). An external resistive
divider connected between VOUT and ground allows the
EAMP to receive an output feedback voltage VFB at FB pin.
When the load current increases, it causes a slight decrease
in VFB relative to the 0.92V reference, which in turn causes
the COMP volt- age to increase until the average inductor
current matches the new load current.
VIN Power-On-Reset (POR) and EN
Under-voltage Lockout
The FAC2786 keep monitoring the voltage on VIN pin to
prevent wrong logic operations which may occur when VIN
voltage is not high enough for the internal control circuitry
to operate. The VIN POR has a rising threshold of 4.1V
(typical) with 0.5V of hysteresis.
An external under-voltage lockout (UVLO) is sensed at the
EN pin. The EN UVLO has a rising threshold of 2.5V with 0.2V
of hysteresis. The EN pin should be connected a resistor
divider from VIN to EN.
After the VIN and EN voltages exceed their respective
voltage thresholds, the IC starts a start-up process and then
ramps up the output voltage to the setting of output voltage
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the FAC2786. When the junction temperature
exceeds TJ=+160ºC, a thermal sensor turns off the power
MOSFET, allowing the devices to cool. The thermal sensor
allows the converter to start a start-up process and regulate
the output voltage again after the junction temperature
cools by 50ºC.
The OTP is designed with a 50ºC hysteresis to lower the
average TJ during continuous thermal overload conditions,
increasing lifetime of the lC.
Enable / Shutdown
Driving EN to ground places the FAC2786 in shutdown. When
in shutdown, the internal power MOSFET turns off, all
internal circuitry shuts down
Current-Limit Protection
The FAC2786 monitors the output current, flowing through
the N-Channel power MOSFET, and limits the IC from
damages during overload, short-circuit and over voltage
conditions.
Frequency Foldback
The foldback frequency is controlled by the FB voltage.
When the FB pin voltage is under 0.6V, the frequency of the
oscillator will be reduced to 110kHz. This lower frequency
allows the inductor current to safely discharge, thereby
preventing current runaway. The oscillator’s frequency will
switch to its designed rate when the feedback voltage on FB
rises above the rising frequency foldback threshold (0.6V,
typical) again
Over-Voltage Protection
The over-voltage function monitors the output voltage by FB
pin. When the FB voltage increases over 120% of the
reference voltage, the over-voltage protection comparator
will force the low-side MOSFET gate driver high. This action
actively pulls down the output voltage. As soon as the
output voltage is within regulation, the OVP comparator is
disengaged. The chip will restore its normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com