Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC3470 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC3470
Description  Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC3470 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC3470 Datasheet HTML 1Page - First Silicon Co., Ltd FC3470 Datasheet HTML 2Page - First Silicon Co., Ltd FC3470 Datasheet HTML 3Page - First Silicon Co., Ltd FC3470 Datasheet HTML 4Page - First Silicon Co., Ltd FC3470 Datasheet HTML 5Page - First Silicon Co., Ltd FC3470 Datasheet HTML 6Page - First Silicon Co., Ltd FC3470 Datasheet HTML 7Page - First Silicon Co., Ltd FC3470 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Internal Regulator
The FC3470 is a current mode step down DC/DC converter that provides excellent transient
response with no extra external compensation components. This device contains an internal, low
resistance, high voltage power MOSFET, and operates at a high 600KHz operating frequency to ensure
a compact, high efficiency design with excellent AC and DC performance.
Error Amplifier
The error amplifier compares the FB pin voltage with the internal FB reference (VFB) and outputs a
current proportional to the difference between the two. This output current is then used to charge or
discharge the internal compensation network to form the COMP voltage, which is used to control the
power MOSFET current. The optimized internal compensation network minimizes the external
component counts and simplifies the control loop design.
Internal Soft-Start
The soft-start is implemented to prevent the converter output voltage from overshooting during startup.
When the chip starts, the internal circuitry generates a soft-start voltage (SS) ramping up from 0V to
0.6V. When it is lower than the internal reference (REF), SS overrides REF so the error amplifier uses
SS as the reference. When SS is higher than REF, REF regains control. The SS time is internally fixed
to 1 ms.
Over-Current-Protection and Hiccup
The FC3470 has cycle-by-cycle over current limit when the inductor current peak value exceeds
the set current limit threshold. Meanwhile, output voltage starts to drop until FB is below the
Under-Voltage (UV) threshold, typically 30% below the reference. Once a UV is triggered, the
FC3470 enters hiccup mode to periodically restart the part. This protection mode is especially
useful when the output is dead-short to ground. The average short circuit current is greatly reduced to
alleviate the thermal issue and to protect the regulator. The FC3470 exits the hiccup mode once
the over current condition is removed.
Startup and Shutdown
If both VIN and EN are higher than their appropriate thresholds, the chip starts. The reference block
starts first, generating stable reference voltage and currents, and then the internal regulator is enabled.
The regulator provides stable supply for the remaining circuitries. Three events can shut down the
chip: EN low, VIN low and thermal shutdown. In the shutdown procedure, the signaling path is first
blocked to avoid any fault triggering. The COMP voltage and the internal supply rail are then pulled
down. The floating driver is not subject to this shutdown command.
Function Description
2018. 12. 27
4/8
Revision No : 0
FC3470



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com