Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC9054 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC9054
Description  0.8A Standalone Linear Li-lon Battery Charger with Thermal Regulation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9054 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC9054 Datasheet HTML 1Page - First Silicon Co., Ltd FC9054 Datasheet HTML 2Page - First Silicon Co., Ltd FC9054 Datasheet HTML 3Page - First Silicon Co., Ltd FC9054 Datasheet HTML 4Page - First Silicon Co., Ltd FC9054 Datasheet HTML 5Page - First Silicon Co., Ltd FC9054 Datasheet HTML 6Page - First Silicon Co., Ltd FC9054 Datasheet HTML 7Page - First Silicon Co., Ltd FC9054 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Descrip�on
The FC9054 is a complete constant-current/constant-voltage
linear charger for single cell lithium-ion ba�eries.Its SOT-23-5
package and low external component count make the
FC9054 ideally suited for portable applica�ons. Furthermore,
the FC9054 can work within USB and wall adapter. No
blocking diode is required due to the internal PMOSFET
architecture and have prevent to nega�ve Charge Current
Circuit. Thermal feedback regulates the charge current to
limit the die temperature during high power opera�on or
high ambient temperature. The charge voltage is fixed at
4.2V, and the charge current can be programmed externally
with a single resistor. The FC9054 automa�cally terminates
the charge cycle when the charge current drops to 1/10th
the programmed value a�er the final float voltage is
reached.
FC9054 Other features include current monitor, under voltage
lockout, automa�c recharge and charge status pin to indicate
charge termina�on.
Features
Programmable Charge Current Up to 800mA
No MOSFET, Sense Resistor or Blocking Diode Rquired
Complete Linear Charger in SOT-23-5 Package for
Single Cell Lithium-Ion Ba�eries
Constant-Current/Constant-Voltage
Charges Single Cell Li-Ion Ba�eries Directly from USB Port
Preset 4.2V Charge Voltage with 1.5% Accuracy
Automa�c Recharge
Charge Status Output Pins
C/10 Charge Termina�on
2.9V Trickle Charge Threshold
So�-Start Limits Inrush Current
Available Radiator in SOT23-5 Package, the Radiator
need connect GND or impending
Applica�ons
Cellular Telephones, PDAs, GPS
Charging Docks and Cradles
Digital S�ll Cameras, Portable Devices
USB Bus-Powered Chargers, Chargers
Package Types
Figure 1. Package Types of FC9054
0.8A Standalone Linear Li-lon Battery Charger with Thermal Regulation
SEMICONDUCTOR
TECHNICAL DATA
FC9054
2019. 05. 13
1/8
Revision No : 0


Similar Part No. - FC9054

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
FC9051 BECKHOFF-FC9051 Datasheet
97Kb / 2P
Infrastructure, 1-channel fieldbus card, Ethernet, 100 Mbit/s, Mini PCI
logo
First Silicon Co., Ltd
FC9056 FS-FC9056 Datasheet
806Kb / 9P
1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation
FC9056MR FS-FC9056MR Datasheet
806Kb / 9P
1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation
More results

Similar Description - FC9054

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
Standalone Linear Li-lon Battery Charger with Thermal Regulation
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
List of Unclassifed Man...
TP4056 ETC2-TP4056 Datasheet
48Kb / 3P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation in SOP-8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com