Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC9056 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC9056
Description  1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9056 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC9056 Datasheet HTML 1Page - First Silicon Co., Ltd FC9056 Datasheet HTML 2Page - First Silicon Co., Ltd FC9056 Datasheet HTML 3Page - First Silicon Co., Ltd FC9056 Datasheet HTML 4Page - First Silicon Co., Ltd FC9056 Datasheet HTML 5Page - First Silicon Co., Ltd FC9056 Datasheet HTML 6Page - First Silicon Co., Ltd FC9056 Datasheet HTML 7Page - First Silicon Co., Ltd FC9056 Datasheet HTML 8Page - First Silicon Co., Ltd FC9056 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteris�cs
(VIN = 5V, TA = 25°C unless otherwise specified)
Parameters
Symbol
Test Condi�on
Min.
Typ.
Max.
Unit
Input Supply Voltage
VCC
4.0
5.0
8.0
V
Input Supply Current
Icc
Charge Mode, RPROG =1k
Standby Mode(Charge Terminated)
Shutdown Mode (RPROG Not
Connected, VCC < VBAT, or VCC< VUV)
150
55
55
500
100
100
µA
Regulated Output (Float) Voltage
VFLOAL
0
℃≤TA≤85℃,IBAT=40mA
4.137
4.2
4.26
V
BAT Pin Current
IBAT
RPROG = 2k, Current Mode
RPROG = 1k, Current Mode
Standby Mode, VBAT = 4.2V
450
950
0
500
1000
-2.5
550
1050
-2.6
mA
mA
uA
Trickle Charge Current
ITRIKL
VBAT<VTRIKL, RPROG=1K
120
130
140
mA
Trickle Charge Threshold Voltage
VTRIKL
RPROG=1K, VBAT Rising
2.8
2.9
3.0
V
Trickle Charge Hysteresis Voltage
VTRHYS
RPROG=1K
60
80
100
mv
Undervoltage
Vuv
Vcc increasing
3.5
3.7
3.9
V
PROG pin voltage
Vprog
RPROG = 1k, Current Mode
0.9
1.0
1.1
V
CHRG pin voltage
VCHRG
ICHRG=5ma
0.3
0.6
V
STDBY pin voltage
VSTDBY
ISTDBY=5ma
0.3
0.6
V
Junction Temperature in Constant
Temperature Mode
TL M
145
℃
2018. 05. 15
4/9
Revision No : 0
FC9056
1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com