Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF441CD Datasheet(PDF) 7 Page - ON Semiconductor

Part # LF441CD
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF441CD Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LF441CD Datasheet HTML 2Page - ON Semiconductor LF441CD Datasheet HTML 3Page - ON Semiconductor LF441CD Datasheet HTML 4Page - ON Semiconductor LF441CD Datasheet HTML 5Page - ON Semiconductor LF441CD Datasheet HTML 6Page - ON Semiconductor LF441CD Datasheet HTML 7Page - ON Semiconductor LF441CD Datasheet HTML 8Page - ON Semiconductor LF441CD Datasheet HTML 9Page - ON Semiconductor LF441CD Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LF441C LF442C LF444C
7
MOTOROLA ANALOG IC DEVICE DATA
0
Figure 23. Inverting
Figure 24. Noninverting
Figure 25. Inverting
Figure 26. Noninverting
t, TIME (0.5
µs/DIV)
t, TIME (2.0
µs/DIV)
SMALL SIGNAL RESPONSE
LARGE SIGNAL RESPONSE
0
t, TIME (0.5
µs/DIV)
0
t, TIME (2.0
µs/DIV)
0
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 10 pF
AV = –1.0
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 10 pF
AV = +1.0
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 10 pF
AV = –1.0
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 10 pF
AV = +1.0
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com