Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5660 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5660
Description  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660 Datasheet(HTML) 2 Page - Analog Devices

  AD5660 Datasheet HTML 1Page - Analog Devices AD5660 Datasheet HTML 2Page - Analog Devices AD5660 Datasheet HTML 3Page - Analog Devices AD5660 Datasheet HTML 4Page - Analog Devices AD5660 Datasheet HTML 5Page - Analog Devices AD5660 Datasheet HTML 6Page - Analog Devices AD5660 Datasheet HTML 7Page - Analog Devices AD5660 Datasheet HTML 8Page - Analog Devices AD5660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5620/AD5640/AD5660
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Product Highlights ........................................................................... 1
Related Device................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AD5620/AD5640/AD5660-2-3 .................................................. 3
AD5620/AD5640/AD5660-1 ...................................................... 5
Timing Characteristics ................................................................ 7
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configurations and Function Descriptions ........................... 9
Typical Performance Characteristics ........................................... 10
Terminology .................................................................................... 16
Theory of Operation ...................................................................... 17
D/A Section................................................................................. 17
Resistor String ............................................................................. 17
Internal Reference ...................................................................... 17
Output Amplifier........................................................................ 17
Serial Interface ............................................................................ 17
Input Shift Register .................................................................... 18
SYNC Interrupt .......................................................................... 18
Power-On Reset.......................................................................... 19
Power-Down Modes .................................................................. 19
Microprocessor Interfacing....................................................... 19
Applications..................................................................................... 21
Using an REF19x as a Power Supply for the
AD5620/AD5640/AD5660 ....................................................... 21
Bipolar Operation Using the AD5660 ..................................... 21
Using the AD5660 as an Isolated, Programmable,
4 to 20 mA Process Controller ................................................. 21
Using the AD5620/AD5640/AD5660
with a Galvanically Isolated Interface...................................... 22
Power Supply Bypassing and Grounding................................ 22
Outline Dimensions ....................................................................... 23
AD5620 Ordering Guide........................................................... 23
AD5640 Ordering Guide........................................................... 24
AD5660 Ordering Guide........................................................... 24
REVISION HISTORY
9/05—Rev. 0 to Rev. A
Changes to Specifications ................................................................ 5
Changes to Outline Dimensions................................................... 23
7/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com