Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-2310-T-LW100-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AT-2310-T-LW100-R
Description  22.5mm diameter piezo-dldctric transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AT-2310-T-LW100-R Datasheet(HTML) 1 Page - PUI audio inc.

  AT-2310-T-LW100-R Datasheet HTML 1Page - PUI audio inc. AT-2310-T-LW100-R Datasheet HTML 2Page - PUI audio inc. AT-2310-T-LW100-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 9/15.
AT-2310-T-LW100-R
22.5mm Transducer
Product Overview

s
,
d
^
Frequency Response (3Vp-p @ 1 cm)
3541 Stop Eight Road • Dayton, Ohio 45414
3541 Stop Eight Road • Dayton, Ohio 45414


Similar Part No. - AT-2310-T-LW100-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AT-2310-T-LW100-R PUI-AT-2310-T-LW100-R Datasheet
253Kb / 1P
RELEASED FROM ENGINEERING
More results

Similar Description - AT-2310-T-LW100-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
piezo audio transducer
CEP-1126 CUI-CEP-1126 Datasheet
360Kb / 5P
piezo audio transducer
logo
Projects Unlimited, Inc...
SMT-1141-T-3-R PUI-SMT-1141-T-3-R Datasheet
145Kb / 1P
Transducer (Piezo)
SMT-1341-T-2-R PUI-SMT-1341-T-2-R Datasheet
197Kb / 1P
Transducer (Piezo)
SMT-1640-S-2-R PUI-SMT-1640-S-2-R Datasheet
250Kb / 1P
Transducer (Piezo)
SMT-2225-T-R PUI-SMT-2225-T-R Datasheet
223Kb / 1P
Transducer (Piezo)
SMT-2240-TW-R PUI-SMT-2240-TW-R Datasheet
225Kb / 1P
Transducer (Piezo)
logo
PUI audio inc.
AT-2440-TWT-R PUIAUDIO-AT-2440-TWT-R Datasheet
545Kb / 3P
24mm diameter piezo-electric transducer with thru-hole pins
AT-2830-TWT-R PUIAUDIO-AT-2830-TWT-R Datasheet
582Kb / 3P
28.5mm diameter piezo-electric transducer with thru-hole pins
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com