Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNM-3552L-C3310-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # PNM-3552L-C3310-R
Description  Reduces the effect of wind and road noise
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PNM-3552L-C3310-R Datasheet(HTML) 1 Page - PUI audio inc.

  PNM-3552L-C3310-R Datasheet HTML 1Page - PUI audio inc. PNM-3552L-C3310-R Datasheet HTML 2Page - PUI audio inc. PNM-3552L-C3310-R Datasheet HTML 3Page - PUI audio inc. PNM-3552L-C3310-R Datasheet HTML 4Page - PUI audio inc. PNM-3552L-C3310-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
PNM-3550L-C3310-R
PUI Audio’s noise-canceling microphones are designed with dipole inlets on the
back of the microphone capsule to reduce background noise from wind and the
road for the clearest possible pickup of a user’s voice—especially when used in
automotive applications.
The frequency response of the microphone is exceptionally flat when placed
2.54cm from the acoustic source, but rolls-off at 2 to 5 dB/octave when placed
50cm away from the acoustic source.
Features:
•
6mm diameter
•
3.5mm height
•
-50 dB sensitivity @ 50cm
•
>52 dB signal-to-noise ratio
•
Reduces the effect of wind and road noise
•
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-50 ±3
dB
Rated Voltage
2
VDC
Output Impedance (@ 1 kHz)
0.68
kΩ
Current consumption
(3VS with 2.2 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
>55
dB
Decreasing Voltage (2VS to 1.5VS)
-3
dB
Frequency Range (@ 2.54cm)
20 ~ 20,000
Hz
Frequency Range (@ 50cm, -10 dB)
250 ~ 20,000
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity
Dipole
-
Operating Temperature
-20 ~ +60
°C
Storage Temperature
-40 ~ +70
°C
Weight
<0.3
Grams


Similar Part No. - PNM-3552L-C3310-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
PNM-3550L-C3310-R PUIAUDIO-PNM-3550L-C3310-R Datasheet
574Kb / 5P
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
More results

Similar Description - PNM-3552L-C3310-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AN-2026 NSC-AN-2026 Datasheet
450Kb / 8P
The Effect of PCB Design on the Thermal Performance of SIMPLE SWITCHER
logo
Analog Devices
AN-756 AD-AN-756 Datasheet
298Kb / 12P
Sampled Systems and the Effects of Clock Phase Noise and Jitter
REV. 0
logo
List of Unclassifed Man...
SONICWEATHERSTATION ETC2-SONICWEATHERSTATION Datasheet
86Kb / 2P
Wind Speed and Direction
logo
Advanced Thermal Soluti...
CLWTC-1000 ATS-CLWTC-1000 Datasheet
822Kb / 1P
AUTOMATIC CONTROLLER FOR THE CLWT-067 AND CLWT-115 WIND TUNNELS
R3_0215
logo
MKS Instruments.
41B MKS-41B Datasheet
181Kb / 4P
Provides high reliability which reduces downtime and lowers the cost of ownership
logo
PUI audio inc.
PNM-2751L-C3310-R PUIAUDIO-PNM-2751L-C3310-R Datasheet
532Kb / 5P
Reduces the effect of wind and road noise
PNM-3546L-C3310-R PUIAUDIO-PNM-3546L-C3310-R Datasheet
574Kb / 5P
Reduces the effect of wind and road noise
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
The package and pin of the chip
logo
Murata Manufacturing Co...
BLM18KG300TN1 MURATA1-BLM18KG300TN1_V01 Datasheet
291Kb / 3P
BLM18KG300TH1 function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM21BB201SZ1 MURATA1-BLM21BB201SZ1_V01 Datasheet
324Kb / 4P
The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and which greatly reduces the possibility of resonance and
Last updated07/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com