Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF2004G Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SFF2004G
Description  Ultra fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SFF2004G Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SFF2004G Datasheet HTML 1Page - Inchange Semiconductor Company Limited SFF2004G Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultra fast Rectifier
SFF2004G
FEATURES
·
With TO-220F packaging
·
High junction temperature capability
·
Low forward voltage, high current capability
·
High current capability
·
Low power loss, high efficiency
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Free-Wheeling diodes
·
Reverse battery protection
·
Center tap configuration
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNI
T
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current @Tc=105℃
20
A
IFSM
Nonrepetitive Peak Surge Current
(10ms single half sine-wave superimposed on
rated load conditions)
180
A
TJ
Junction Temperature
-65~150
Tstg
Storage Temperature Range
-65~150


Similar Part No. - SFF2004G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF2004G TSC-SFF2004G Datasheet
114Kb / 2P
Isolation 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2004G TSC-SFF2004G Datasheet
330Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2004G TSC-SFF2004G Datasheet
192Kb / 2P
20.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Thinki Semiconductor Co...
SFF2004G THINKISEMI-SFF2004G Datasheet
613Kb / 2P
Isolated Common Anode Super Fast Rectifier Diodes
SFF2004G THINKISEMI-SFF2004G Datasheet
1Mb / 2P
20.0 Amperes Insulated Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - SFF2004G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com