Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1336 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 8Page - Texas Instruments AMC1336 Datasheet HTML 9Page - Texas Instruments AMC1336 Datasheet HTML 10Page - Texas Instruments AMC1336 Datasheet HTML 11Page - Texas Instruments AMC1336 Datasheet HTML 12Page - Texas Instruments AMC1336 Datasheet HTML 13Page - Texas Instruments AMC1336 Datasheet HTML 14Page - Texas Instruments AMC1336 Datasheet HTML 15Page - Texas Instruments AMC1336 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Frequency (kHz)
0.1
1
10
100
1000
10000
-160
-140
-120
-100
-80
-60
-40
-20
0
D036
12
AMC1336
SBAS951 – AUGUST 2019
www.ti.com
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
sinc3 filter, OSR = 2, fCLKIN = 20 MHz, fIN = 1 kHz
Figure 6. Quantization Noise Shaping
The linearity and noise performance of the device are ensured only when the differential analog input voltage
remains within the specified linear full-scale range (FSR), that is ±1 V, and within the specified input common-
mode range.
Figure 7 shows the specified common-mode input voltage that applies for the full-scale input voltage range as
specified in this document along with the corresponding common-mode undervoltage and overvoltage threshold
levels.
If smaller input signals are used, the operational common-mode input voltage range widens. Figure 8 shows the
common-mode input voltage that applies with no differential input signal; that is, when the voltage applied on
AINP is equal to the voltage applied on AINN. The common-mode input voltage range scales with the actual
differential input voltage between this range and the range in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com