Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POW-1644P-B-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # POW-1644P-B-R
Description  7.1mm overall diameter and 2.6mm height with pin terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

POW-1644P-B-R Datasheet(HTML) 3 Page - PUI audio inc.

  POW-1644P-B-R Datasheet HTML 1Page - PUI audio inc. POW-1644P-B-R Datasheet HTML 2Page - PUI audio inc. POW-1644P-B-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A-A ( 7 : 1 )
B-B ( 7 : 1 )
A
A
B
B
Microphone
POW-1644P-B-R
J.D.
B.R.
R.W.
8/30/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
10/19/2006
Date
10/20/2006
Date
10/20/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
POW-1644P-B-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
10/19/2006
A
DELETED MOLEX CONNECTOR NOTE
7/17/2007
D.F.
B
REVISED IP RATING
7/2/2008
B.R.
C
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
8/30/2008
B.R.
D
ADDED TEMPERATURES AND PIN DIAMETER
1/29/2013
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
DIRECTIVITY
OMNI
-
SENSITIVTY
-44
3
dB
STANDARD OPERATING VOLTAGE
2
Vdc
MAX OPERATING VOLTAGE
10
Vdc
CURRENT CONSUMPTION (MAX)
0.5
mA
IMPEDANCE
2.2
KOhm
SIGNAL TO NOISE RATIO (MIN.)
60
dB
OPERATING TEMPERATURE
-20 ~ +70
C
STORAGE TEMPERATURE
-40 ~ +85
C
TERMINAL
PIN
-
INTERNAL CAPACITOR
N/A
pF
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
4. PART IS IP57 RATED.
5. ASSEMBLY IS WASHABLE WITH BOOT IN PLACE.
6
0.1
1.6
0.2
2.8
0.3
0.8
1.9
TERM. 1 (+)
TERM. 2 (-)
7.1
0.1
3.2
0.1
2.6
0.1
5.8
0.1
4.9
0.1
1.8
0.1
MICROPHONE
BOOT
ASSEMBLY
0.4
0.3
0.05



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com