Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7119 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7119
Description  LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7119 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7119 Datasheet HTML 2Page - New Japan Radio NJU7119 Datasheet HTML 3Page - New Japan Radio NJU7119 Datasheet HTML 4Page - New Japan Radio NJU7119 Datasheet HTML 5Page - New Japan Radio NJU7119 Datasheet HTML 6Page - New Japan Radio NJU7119 Datasheet HTML 7Page - New Japan Radio NJU7119 Datasheet HTML 8Page - New Japan Radio NJU7119 Datasheet HTML 9Page - New Japan Radio NJU7119 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
( 7 )
NJU7119
Response Time - Positive Transition
Time [ns]
0.1V/div
100ns/div
VDD/VSS=±0.9V, Vin=200mVp-p, f=10kHz, CL=15pF, Ta=25°C
Response Time - Negative Transition
Time [ns]
1.0V/div
20ns/div
0.1V/div
20ns/div
VDD/VSS=±0.9V, Vin=200mVp-p, f=10kHz, CL=15pF, Ta=25°C
Response Time vs. Ambient Temperature
0
25
50
75
100
125
150
175
200
-50
-25
0
255075
100
125
Ambient Temperature [℃]
Positive
Negative
VDD/VSS=±0.9V, Vin=200mVp-p, f=10kHz, CL=15pF
Output Voltage Wave Form
- Negative Transition
Time [ns]
0.5V/div
5ns/div
VDD/VSS=±0.9V, Vin=200mVp-p, f=10kHz, CL=15pF, Ta=25°C
Output Signal Falling Time vs. Ambient Temperature
0
2.5
5
7.5
10
12.5
15
-50
-25
0
25
50
75
100
125
Ambient Temperature [℃]
VDD/VSS=±0.9V, Vin=200mVp-p, f=10kHz, CL=15pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com