Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-2235P-HD-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # ROM-2235P-HD-R
Description  True 20 Hz to 20 kHz performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

ROM-2235P-HD-R Datasheet(HTML) 1 Page - PUI audio inc.

  ROM-2235P-HD-R Datasheet HTML 1Page - PUI audio inc. ROM-2235P-HD-R Datasheet HTML 2Page - PUI audio inc. ROM-2235P-HD-R Datasheet HTML 3Page - PUI audio inc. ROM-2235P-HD-R Datasheet HTML 4Page - PUI audio inc. ROM-2235P-HD-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
ROM-2235P-HD-R
PUI Audio’s all-new HD Series microphones use premium-grade FETs and
diaphragms for high sensitivity and superior signal-to-noise ratio. Each
microphone features GSM buzz-blocking capacitors. Upgrade the ECM
microphone that you use today with a PUI Audio HD Series microphone.
The 5.8mm diameter ROM-2235P-HD-R is designed for extreme fidelity in a
compact housing with thru-hole pins and true 20 Hz to 20 kHz performance.
Features:
•
5.8mm diameter
•
2.7mm height
•
-35 dB sensitivity
•
68 dB signal-to-noise ratio
•
True 20 Hz to 20 kHz performance
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-35 ±3
dB
Rated Voltage
3
VDC
Output Impedance (@ 1 kHz)
2.2
kΩ
Current consumption
(3VS with 2.2 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
68
dB
Decreasing Voltage (3VS to 2VS)
-3
dB
Frequency Range
20 ~ 20,000
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity
Omni-directional
-


Similar Part No. - ROM-2235P-HD-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
ROM-2235L-HD-R PUIAUDIO-ROM-2235L-HD-R Datasheet
820Kb / 5P
True 20 Hz to 20 kHz performance
More results

Similar Description - ROM-2235P-HD-R

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NZG5-20K MICRONETICS-NZG5-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG10-20K MICRONETICS-NZG10-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG25-20K MICRONETICS-NZG25-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG50-20K MICRONETICS-NZG50-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG100-20K MICRONETICS-NZG100-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG150-20K MICRONETICS-NZG150-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
logo
List of Unclassifed Man...
3001 ETC2-3001_14 Datasheet
508Kb / 1P
20 Hz to 150 kHz Sine/Square Wave Audio Generator
logo
PUI audio inc.
POM-2730L-HD-R PUIAUDIO-POM-2730L-HD-R Datasheet
824Kb / 5P
True 20 Hz to 20 kHz performance
ROM-2235L-HD-R PUIAUDIO-ROM-2235L-HD-R Datasheet
820Kb / 5P
True 20 Hz to 20 kHz performance
TOM-1537L-HD-R PUIAUDIO-TOM-1537L-HD-R Datasheet
842Kb / 5P
True 20 Hz to 20 kHz performance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com