Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62/12615-01YE-R Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01YE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01YE-R Datasheet(HTML) 1 Page - Texas Instruments

  V62/12615-01YE-R Datasheet HTML 1Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 2Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 3Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 4Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 5Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 6Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 7Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 8Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
DP83848-EP PHYTER™ Military Temperature Single Port 10/100 Mbps Ethernet
Physical Layer Transceiver
1
Device Overview
1
1.1
Features
1
• Low-power 3.3-V, 0.18-µm CMOS technology
• Low-power consumption < 270-mW typical
• 3.3-V MAC interface
• Auto-MDIX for 10/100 Mbps
• Energy detection mode
• 25-MHz clock out
• SNI interface (configurable)
• RMII rev. 1.2 interface (configurable)
• MII serial management interface (MDC and MDIO)
• IEEE 802.3u MII
• IEEE 802.3u auto-negotiation and parallel
detection
• IEEE 802.3u ENDEC, 10BASE-T transceivers and
filters
• IEEE 802.3u PCS, 100BASE-TX transceivers and
filters
• IEEE 1149.1 JTAG
• Integrated ANSI X3.263 compliant TP-PMD
physical sublayer with adaptive equalization and
baseline wander compensation
• Error-free operation up to 150 m
• Programmable LED support link, 10/100 Mbps
mode, activity, and collision detect
• Single register access for complete PHY status
• 10/100 Mbps packet BIST (built in self test)
• Lead-free 48-pin PQFP packages 7 mm × 7 mm
1.2
Applications
•
Avionics and defense
•
Industrial controls and factory automation
•
General embedded applications
•
Supports defense, aerospace, and medical
applications
–
Controlled baseline
–
One assembly and test site
–
One fabrication site
–
Military temperature range (–55°C to 125°C)
–
Extended product life cycle
–
Extended product-change notification
–
Product traceability
(1)
For more information, see Section 10, Mechanical, Packaging, and Orderable Information.
1.3
Description
The number of applications requiring Ethernet connectivity continues to increase. Along with this
increased market demand is a change in application requirements. The DP83848-EP was designed to
allow Ethernet connectivity in the harshest environments. Our device meets IEEE 802.3u standards over a
military temperature range of –55°C to 125°C. This device is ideally suited for harsh environments for
example avionics, defense and industrial control applications.
The DP83848-EP is a highly reliable, feature rich robust device which includes enhanced ESD protection,
MII, and RMII for maximum flexibility in MPU selection all in a 48-pin PQFP package.
The DP83848-EP features integrated sublayers to support both 10BASE-T and 100BASE-TX Ethernet
protocols, which ensures compatibility and interoperability with all other standards based Ethernet
solutions.
Device Information(1)
PART NUMBER
PACKAGE
PACKAGE DIMENSIONS (W × L × H)
DP83848MPHPEP
PHP
7.00 mm × 7.00 mm × 1.00 mm
DP83848MPHPREP
DP83848MPTBEP
PTB
7.00 mm × 7.00 mm × 1.40 mm
DP83848MPTBREP


Similar Part No. - V62/12615-01YE-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V62/12615-01XE TI1-V62/12615-01XE Datasheet
1Mb / 92P
PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
V62/12615-01XE TI1-V62/12615-01XE Datasheet
2Mb / 97P
PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
V62/12615-01XE-R TI1-V62/12615-01XE-R Datasheet
1Mb / 92P
PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
V62/12615-01XE-R TI1-V62/12615-01XE-R Datasheet
2Mb / 97P
PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
More results

Similar Description - V62/12615-01YE-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848C NSC-DP83848C Datasheet
2Mb / 82P
PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848YB NSC-DP83848YB Datasheet
2Mb / 82P
PHYTER - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848Q TI1-DP83848Q Datasheet
974Kb / 74P
PHYTER Extended Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP Datasheet
1Mb / 92P
PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
DP83848-HT TI1-DP83848-HT Datasheet
1Mb / 81P
PHYTER Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-HT TI-DP83848-HT Datasheet
1,008Kb / 81P
DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
FEBRUARY 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com