Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS136D Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AS136D
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS136D Datasheet(HTML) 4 Page - Texas Instruments

  SN74AS136D Datasheet HTML 1Page - Texas Instruments SN74AS136D Datasheet HTML 2Page - Texas Instruments SN74AS136D Datasheet HTML 3Page - Texas Instruments SN74AS136D Datasheet HTML 4Page - Texas Instruments SN74AS136D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UNIT
UNIT
TEST CONDITIONS
PARAMETER
PARAMETER
UNIT
ns
ns
Y
Y
SN54AS136, SN74AS136
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
WITH OPEN-COLLECTOR OUTPUTS
SDAS162 – MARCH 1984–REVISED OCTOBER 1988
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54AS136
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS136
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54AS136
SN74ALS136
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply Voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input Voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VOH
High-level output current
5.5
5.5
V
IOL
Low-level output current
20
20
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
SN54AS136
SN74AS136
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = –18 mA
–1.5
–1.5
V
IOH
VCC = 4.5 V,
VOH = 5.5 V
2
0.1
mA
VOL
VCC = 4.5 V,
IOL = 4 mA
0.35
0.5
0.25
0.4
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.5
–0.5
mA
ICC
VCC = 5.5 V
VIA = 4.5 V,
VIB = 0
14
20
14
20
mA
ICCL
VCC = 5.5 V
VIA = 4.5 V
22
31
22
31
mA
† All typical values are at VCC = 5, TA = 25°C.
switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
FROM
TO
RL = 2 kΩ,
(INPUT)
(OUTPUT)
TA = MIN to MAX
SN54AS136
SN74ALS136
MIN
MAX
MIN
MAX
tPLH
A or B
6.3
14.8
6.3
12.5
tPHL
(other input low)
3.3
7.9
3.3
7.1
tPLH
A or B
6.3
12.4
6.3
11.4
tPHL
(other input low)
3.3
14.1
3.3
10.7
NOTE 1: Load circuit and voltage waveforms are shown in Section 1 of the ALS/AS Logic Data Book, 1986.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com