Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317LBZ Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM317LBZ
Description  LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LBZ Datasheet(HTML) 1 Page - ON Semiconductor

  LM317LBZ Datasheet HTML 1Page - ON Semiconductor LM317LBZ Datasheet HTML 2Page - ON Semiconductor LM317LBZ Datasheet HTML 3Page - ON Semiconductor LM317LBZ Datasheet HTML 4Page - ON Semiconductor LM317LBZ Datasheet HTML 5Page - ON Semiconductor LM317LBZ Datasheet HTML 6Page - ON Semiconductor LM317LBZ Datasheet HTML 7Page - ON Semiconductor LM317LBZ Datasheet HTML 8Page - ON Semiconductor LM317LBZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM317L
SEMICONDUCTOR
TECHNICAL DATA
LOW CURRENT
THREE–TERMINAL
ADJUSTABLE POSITIVE
VOLTAGE REGULATOR
ORDERING INFORMATION
Order this document by LM317L/D
Z SUFFIX
PLASTIC PACKAGE
CASE 29
Pin 1. Adjust
2. Vout
3. Vin
3
1
2
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SOP–8*)
1
8
Pin 1. Vin
2. Vout
3. Vout
4. Adjust
5. N.C.
6. Vout
7. Vout
8. N.C.
* SOP–8 is an internally modified SO–8 pack-
age. Pins 2, 3, 6 and 7 are electrically common
to the die attach flag. This internal lead frame
modification decreases package thermal resis-
tance and increases power dissipation capabili-
ty when appropriately mounted on a printed cir-
cuit board. SOP–8 conforms to all external di-
mensions of the standard SO–8 package.
Operating
Temperature Range
Device
Package
LM317LD
LM317LZ
LM317LBZ
SOP–8
Plastic
Plastic
TJ = –40° to +125°C
TJ = 0° to +125°C
LM317LBD
SOP–8
LM317L
SEMICONDUCTOR
TECHNICAL DATA
LOW CURRENT
THREE–TERMINAL
ADJUSTABLE POSITIVE
VOLTAGE REGULATOR
ORDERING INFORMATION
Order this document by LM317L/D
Z SUFFIX
PLASTIC PACKAGE
CASE 29
Pin 1. Adjust
2. Vout
3. Vin
3
1
2
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SOP–8*)
1
8
Pin 1. Vin
2. Vout
3. Vout
4. Adjust
5. N.C.
6. Vout
7. Vout
8. N.C.
* SOP–8 is an internally modified SO–8 pack-
age. Pins 2, 3, 6 and 7 are electrically common
to the die attach flag. This internal lead frame
modification decreases package thermal resis-
tance and increases power dissipation capabili-
ty when appropriately mounted on a printed cir-
cuit board. SOP–8 conforms to all external di-
mensions of the standard SO–8 package.
Operating
Temperature Range
Device
Package
LM317LD
LM317LZ
LM317LBZ
SOP–8
Plastic
Plastic
TJ = –40° to +125°C
TJ = 0° to +125°C
LM317LBD
SOP–8
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Adjustable
Output Positive Voltage
Regulator
The LM317L is an adjustable 3–terminal positive voltage regulator
capable of supplying in excess of 100 mA over an output voltage range of
1.2 V to 37 V. This voltage regulator is exceptionally easy to use and
requires only two external resistors to set the output voltage. Further, it
employs internal current limiting, thermal shutdown and safe area
compensation, making them essentially blow–out proof.
The LM317L serves a wide variety of applications including local, on card
regulation. This device can also be used to make a programmable output
regulator, or by connecting a fixed resistor between the adjustment and
output, the LM317L can be used as a precision current regulator.
• Output Current in Excess of 100 mA
• Output Adjustable Between 1.2 V and 37 V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe–Area Compensation
• Floating Operation for High Voltage Applications
• Standard 3–Lead Transistor Package
• Eliminates Stocking Many Fixed Voltages
Simplified Application
* Cin is required if regulator is located an appreciable
** distance from power supply filter.
** CO is not needed for stability, however,
** it does improve transient response.
Since IAdj is controlled to less than 100 µA, the error
associated with this term is negligible in most applications.
LM317L
Vin
Vout
R1
240
R2
Adjust
IAdj
Cin*
0.1
µF
+ CO**
1.0
µF
Vout + 1.25 V 1 )
R2
R1
) IAdj R2
© Motorola, Inc. 1996
Rev 1


Similar Part No. - LM317LBZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317LBZ ONSEMI-LM317LBZ Datasheet
131Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LBZ ONSEMI-LM317LBZ Datasheet
144Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317LBZG ONSEMI-LM317LBZG Datasheet
131Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LBZG ONSEMI-LM317LBZG Datasheet
144Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317LBZG ONSEMI-LM317LBZG Datasheet
337Kb / 15P
Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results

Similar Description - LM317LBZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com