Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM18 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # TM18
Description  TM18 Series Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TM18 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  TM18 Datasheet HTML 1Page - Banner Engineering Corp. TM18 Datasheet HTML 2Page - Banner Engineering Corp. TM18 Datasheet HTML 3Page - Banner Engineering Corp. TM18 Datasheet HTML 4Page - Banner Engineering Corp. TM18 Datasheet HTML 5Page - Banner Engineering Corp. TM18 Datasheet HTML 6Page - Banner Engineering Corp. TM18 Datasheet HTML 7Page - Banner Engineering Corp. TM18 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Fixed-Field Background Suppression
Model Number
Mode
Range
LED
Output
TM18AP6FF25
FIXED-FIELD
25 mm
Visible red 660 nm
PNP, LO 3-wire
TM18VP6FF25
PNP, LO/DO 4-wire
TM18AN6FF25
NPN, LO 3-wire
TM18VN6FF25
NPN, LO/DO 4-wire
TM18AP6FF50
50 mm
PNP, LO 3-wire
TM18VP6FF50
PNP, LO/DO 4-wire
TM18AN6FF50
NPN, LO 3-wire
TM18VN6FF50
NPN, LO/DO 4-wire
TM18AP6FF100
100 mm
PNP, LO 3-wire
TM18VP6FF100
PNP, LO/DO 4-wire
TM18AN6FF100
NPN, LO 3-wire
TM18VN6FF100
NPN, LO/DO 4-wire
TM18AP6FF25IR
FIXED-FIELD
25 mm
Infrared, 880 nm
PNP, LO 3-wire
TM18VP6FF25IR
PNP, LO/DO 4-wire
TM18AN6FF25IR
NPN, LO 3-wire
TM18VN6FF25IR
NPN, LO/DO 4-wire
TM18AP6FF50IR
50 mm
PNP, LO 3-wire
TM18VP6FF50IR
PNP, LO/DO 4-wire
TM18AN6FF50IR
NPN, LO 3-wire
TM18VN6FF50IR
NPN, LO/DO 4-wire
TM18AP6FF100IR
100 mm
PNP, LO 3-wire
TM18VP6FF100IR
PNP, LO/DO 4-wire
TM18AN6FF100IR
NPN, LO 3-wire
TM18VN6FF100IR
NPN, LO/DO 4-wire
Diffuse Visible Mode
Model Number
Mode
Range
LED
Output
TM18AP6DV
DIFFUSE
500 mm
Visible red 660 nm
PNP, LO 3-wire
TM18RP6DV
PNP, DO 3-wire
TM18VP6DV
PNP, LO/DO 4-wire
TM18AN6DV
NPN, LO 3-wire
TM18RN6DV
NPN, DO 3-wire
TM18VN6DV
NPN, LO/DO 4-wire
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
TM18 Series Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 155853 Rev. F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com