Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q20ND Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # Q20ND
Description  Q20 Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q20ND Datasheet(HTML) 5 Page - Banner Engineering Corp.

  Q20ND Datasheet HTML 1Page - Banner Engineering Corp. Q20ND Datasheet HTML 2Page - Banner Engineering Corp. Q20ND Datasheet HTML 3Page - Banner Engineering Corp. Q20ND Datasheet HTML 4Page - Banner Engineering Corp. Q20ND Datasheet HTML 5Page - Banner Engineering Corp. Q20ND Datasheet HTML 6Page - Banner Engineering Corp. Q20ND Datasheet HTML 7Page - Banner Engineering Corp. Q20ND Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Fixed-Field Excess Gain (based on 90% reflectance white test card)
Ø 6 mm spot size at 25 mm
Ø 6 mm spot size at 50 mm cutoff
Using 18% gray test card: cutoff distance will be
95% of value shown
Using 6% black test card: cutoff distance will be
90% of value shown
Ø 6 mm spot size at 50 mm
Ø 6 mm spot size at 100 mm cutoff
Using 18% gray test card: cutoff distance will be
90% of value shown
Using 6% black test card: cutoff distance will be
85% of value shown
Ø 6 mm spot size at 75 mm
Ø 9 mm spot size at 150 mm cutoff
Using 18% gray test card: cutoff distance will be
80% of value shown
Using 6% black test card: cutoff distance will be
70% of value shown
See
Accessories (p. 5), the Accessories section of the current Banner catalog, or www.bannerengineering.com for complete
information.
Note: Polarized sensors require corner cube type retroreflective targets only.
Dimensions
25.4 mm
(1.00")
3.3 mm
(0.13")
3.3 mm
(0.13")
32.0 mm
(1.26")
42.0 mm
(1.65")
1.8 mm
(0.07")
12.0 mm (0.47")
2X M3 X0.5
Max. Torque
0.56 Nm (5 in. lbs.)
Cabled and Pigtail QD Models
Integral QD
Models
2 - M3 screws (12 mm)
washers included
9.9 mm
(0.39")
10.5 mm
(0.42")
20.0 mm
(0.79")
Accessories
Mounting Brackets
SMBQ20L
•
Sensor vertical base mount
•
±5° tip, ±7° swivel
•
Stainless steel
40
16
14
4 X
Ø3.2
4 X
Ø3.4
SMBQ20LV
•
Sensor vertical back mount
•
±10° tip
•
Stainless steel
36
31
15
Ø3.2
2 X
Ø3.2
4 X
Ø3.4
WORLD-BEAM® Q20 Series Sensor
P/N 127816 Rev. M
www.bannerengineering.com - Tel: + 1 888 373 6767
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com