Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC17531AEP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC17531AEP
Description  700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17531AEP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC17531AEP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17531AEP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17531AEP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17531AEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17531AEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17531AEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17531AEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17531AEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17531AEP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document order number: MPC17531A
Rev 2.0, 09/2005
Freescale Semiconductor
Technical Data
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2005. All rights reserved.
700 mA Dual H-Bridge Motor
Driver with 3.0 V Compatible
Logic I/O
The 17531A is a monolithic dual H-Bridge power IC ideal for
portable electronic applications containing bipolar step motors and/or
brush DC-motors (e.g., cameras and disk drive head positioners).
The 17531A operates from 2.0 V to 8.6 V using the internal charge
pump, with independent control of each H-Bridge via parallel MCU
interface. The device features built-in shoot-through current
protection and an undervoltage shutdown function.
The 17531A has four operating modes: Forward, Reverse, Brake,
and Tri-Stated (High Impedance). The 17531A has a low total
RDS(ON) of 1.2 Ω (max @ 25°C).
The 17531A efficiently drives many types of micromotors with low
power dissipation owing to its low output resistance and high output
slew rates. The H-Bridge outputs can be independently pulse width
modulated (PWM’ed) at up to 200 kHz for speed/torque and current
control.
Features
• Low Total RDS(ON) 0.8 W (Typ), 1.2 Ω (Max) @ 25°C
• Output Current 0.7 A (DC)
• Shoot-Through Current Protection Circuit
• PWM Control Input Frequency up to 200 kHz
• Built-In Charge Pump Circuit
• Low Power Consumption
• Undervoltage Detection and Shutdown Circuit
• Power Save Mode with Current Draw
≤ 2.0 µA
• Pb-Free Packaging Designated by Suffix Codes EV and EP
Figure 1. 17531A Simplified Application Diagram
DUAL H-BRIDGE
VMFP SUFFIX
EV SUFFIX (PB-FREE)
98ASA10616D
20-TERMINAL VMFP
17531A
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17531AEV/EL
-20°C to 65°C
20 VMFP
MPC17531AEP/R2
24 QFN
QFN SUFFIX
EP SUFFIX (PB-FREE)
98ARL10577D
24-TERMINAL QFN
CRES
C1L
C1H
C2L
C2H
IN2B
PSAVE
IN2A
IN1A
OUT2B
OUT2A
OUT1B
OUT1A
VM
GND
MCU
IN1B
3.0 V
5.0 V
17531A
Bipolar
Step
Motor
N
S
VDD


Similar Part No. - MPC17531AEP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17531AEP FREESCALE-MPC17531AEP Datasheet
641Kb / 20P
700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
More results

Similar Description - MPC17531AEP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17529 MOTOROLA-MPC17529 Datasheet
450Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
Freescale Semiconductor...
17529 FREESCALE-17529 Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
MPC17531A FREESCALE-MPC17531A_08 Datasheet
641Kb / 20P
700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Texas Instruments
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
Texas Instruments
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com