Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC17531AR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC17531AR2
Description  700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17531AR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC17531AR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17531AR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17531AR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17531AR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17531AR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17531AR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17531AR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17531AR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17531AR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
17531A
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VDD = 3.0 V, VM = 5.0 V, GND = 0 V unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Motor Supply Voltage (Using Internal Charge Pump) (7)
VM-CP
2.0
5.0
8.6
V
Motor Supply Voltage (VCRES Applied Externally)
(8)
VM-NCP
––
10
V
Gate Drive Voltage
- Motor Supply Voltage (VCRES Applied Externally) (9)
VCRES -VM
5.0
6.0
–
V
Logic Supply Voltage
VDD
2.7
3.0
3.6
V
Driver Quiescent Supply Current
No Signal Input
Power Save Mode
IQM
IQM-PSAVE
–
–
–
–
100
1.0
µA
Logic Quiescent Supply Current
No Signal Input (10)
Power Save Mode
IQVDD
IQVDD-
PSAVE
–
–
–
–
1.0
1.0
mA
Operating Power Supply Current
Logic Supply Current (11)
Charge Pump Circuit Supply Current (12)
IVDD
ICRES
–
–
–
–
3.0
0.7
mA
Low VDD Detection Voltage (13)
VDDDET
1.0
1.6
2.5
V
Driver Output ON Resistance (14)
RDS(ON)
–
0.8
1.2
Ohms
GATE DRIVE
Gate Drive Voltage (12)
No Current Load
VCRES
12
13
13.5
V
Gate Drive Ability (Internally Supplied)
IC
RES = -1.0 mA
VCRESload
8.5
9.2
–
V
Recommended External Capacitance (C1L–C1H, C2L–C2H, CRES–GND)
CCP
0.01
0.1
1.0
µF
Notes
7.
Gate drive voltage VCRES is applied from an external source. 2 x VDD + VM must be <
VC
RES max (13.5 V).
8.
No internal charge pump used. VCRES is applied from an external source.
9.
RDS(ON) is not guaranteed if
VC
RES - VM < 5.0 V. Also, function is not guaranteed if
VC
RES - VM < 3.0 V.
10.
IQ
VDD includes the current to pre-driver circuit.
11.
IV
DD includes the current to predriver circuit at fIN = 100 kHz.
12.
At fIN = 20 kHz.
13.
Detection voltage is defined as when the output becomes high-impedance after VDD drops below the detection threshold.
VC
RES is
applied from an external source. 2 x VDD + VM must be <
VC
RES max (13.5 V).
14.
IO = 0.7 A source + sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com