Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18FAM10 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SMB18FAM10
Description  M18-4 Stainless Steel 18 mm Barrel Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18FAM10 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMB18FAM10 Datasheet HTML 1Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 2Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 3Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 4Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 6Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 7Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 8Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Complementary Current Sinking (NPN)
Complementary Current Sourcing (PNP)
10-30V dc
–
+
1
3
2
4
Load
Load
10-30V dc
–
+
1
3
2
4
Load
Load
NOTE: Open lead wires must be connected to a terminal block.
Specifications
Supply Voltage
10 V to 30 V dc for ambient temperature ≤ 55 °C
10 V to 24 V dc for ambient temperature > 55 °C
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Supply Current (Exclusive of Load Current)
Diffuse: 16 mA
Opposed Mode Emitters: 17 mA
Opposed Mode Receivers: 8 mA
Retroreflective and Polarized Retroreflective: 16 mA
Fixed-Field: 16 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous short circuit
of outputs. Short circuit protection at elevated temperature may
require a power cycle to reset.
Output Rating
≤ 50 mA total current for ambient temperatures > 55 °C
≤ 100 mA total current through both outputs ≤ 55 °C
OFF-State Leakage Current: < 50 µA at 30 V dc
ON-State Saturation Voltage: < 1.5 V at 10 mA; < 3.0 V at 100 mA
Output Configuration
Complementary PNP or NPN by model number
Output Response Time
Response is independent of signal strength
Opposed mode: 1.5 milliseconds ON, 1.0 milliseconds OFF
Retro, Polarized Retro, and Diffuse: 1.5 milliseconds ON, 0.75
milliseconds OFF
Fixed-Field: 1.5 milliseconds ON, 1.0 milliseconds OFF
Delay on Power-up: 100 milliseconds; outputs do not conduct during
this time
Indicators
Three LEDs (1 green, 2 amber)
Green solid: indicates power applied and sensor ready
Green flashing: indicates marginal sensing signal
Amber solid: indicates Pin 4 (black wire) output conducting
Emitter LED
Visible red
Repeatability
Repeatability is independent of signal strength
Opposed mode: 170 microseconds
Retro, Polarized Retro, and Diffuse modes: 100 microseconds
Fixed-Field mode: 100 microseconds
Construction
Housing: 316L stainless steel
Front window: PMMA
Indicator windows: Clear polysulfone (PSU)
Indicator cover and gain pot driver: Black PSU
Cable: PVC jacket
Pigtail QD: 316L stainless steel and PVC jacket
QD connector and mounting nuts: 316L stainless steel
Adjustments
Diffuse (DL, DS), Emitter (ES), Receiver (RS), Polarized Retroreflective
(LPC), Retroreflective (LV) models: Single turn sensitivity (gain)
adjustment potentiometer
Emitter Beam Inhibit (EJ) models: Tie black wire to 10 V to 30 V dc for
beam inhibit
M18-4 Stainless Steel 18 mm Barrel Sensors
P/N 188320 Rev. E
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com