Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18FAM12 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SMB18FAM12
Description  M18-4 Stainless Steel 18 mm Barrel Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18FAM12 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SMB18FAM12 Datasheet HTML 1Page - Banner Engineering Corp. SMB18FAM12 Datasheet HTML 2Page - Banner Engineering Corp. SMB18FAM12 Datasheet HTML 3Page - Banner Engineering Corp. SMB18FAM12 Datasheet HTML 4Page - Banner Engineering Corp. SMB18FAM12 Datasheet HTML 5Page - Banner Engineering Corp. SMB18FAM12 Datasheet HTML 6Page - Banner Engineering Corp. SMB18FAM12 Datasheet HTML 7Page - Banner Engineering Corp. SMB18FAM12 Datasheet HTML 8Page - Banner Engineering Corp. SMB18FAM12 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Diffuse Models 1
Model Number
Range
Output
M18-4VNDL-2M
750 mm (29.5 in) with adjustment
Complementary NPN
M18-4VPDL-2M
Complementary PNP
M18-4VNDS-2M
300 mm (11.8 in) with adjustment
Complementary NPN
M18-4VPDS-2M
Complementary PNP
Fixed-Field Models 1
Model Number
Range
Output
M18-4VNFF30-2M
30 mm (1.2 in)
Complementary NPN
M18-4VPFF30-2M
Complementary PNP
M18-4VNFF50-2M
50 mm (1.9 in)
Complementary NPN
M18-4VPFF50-2M
Complementary PNP
M18-4VNFF75-2M
75 mm (2.9 in)
Complementary NPN
M18-4VPFF75-2M
Complementary PNP
M18-4VNFF100-2M
100 mm (3.9 in)
Complementary NPN
M18-4VPFF100-2M
Complementary PNP
M18-4VNFF150-2M
150 mm (5.9 in)
Complementary NPN
M18-4VPFF150-2M
Complementary PNP
M18-4VNFF200-2M
200 mm (7.8 in)
Complementary NPN
M18-4VPFF200-2M
Complementary PNP
Installing the M18-4 Sensor
Amber LED
Amber LED
Green LED
Gain adjustment
Figure 1. M18-4 Features and Installation
To install the M18-4 Sensor:
1. Align the sensor as required for the
application. For the most sensitive object
detection, align the sensor so that the
objects move across the sensor's axis.
2. Secure the sensor to a bracket.
3. Wire sensor as shown in the wiring
diagrams.
4. Adjust the gain adjuster (sensitivity pot) if
necessary.
Wiring Diagrams
Emitter
Emitter with Active High Beam Inhibit
10-30V dc
–
+
1
3
10–30 V dc
−
+
1
3
4
10–30 V dc
M18-4 Stainless Steel 18 mm Barrel Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 188320 Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com