Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337M Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM337M
Description  MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337M Datasheet(HTML) 3 Page - ON Semiconductor

  LM337M Datasheet HTML 1Page - ON Semiconductor LM337M Datasheet HTML 2Page - ON Semiconductor LM337M Datasheet HTML 3Page - ON Semiconductor LM337M Datasheet HTML 4Page - ON Semiconductor LM337M Datasheet HTML 5Page - ON Semiconductor LM337M Datasheet HTML 6Page - ON Semiconductor LM337M Datasheet HTML 7Page - ON Semiconductor LM337M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM337M
3
MOTOROLA ANALOG IC DEVICE DATA
Schematic Diagram
Figure 1. Line Regulation and
∆IAdj/Line Test Circuit
|VOL–VOH|
Cin
1.0
µF
R2
1%
CO
+
RL
Adjust
Vin
Vout
R1
120
1%
LM337M
VEE
VIH
VIL
VOH
VOL
* Pulse Testing Required:
1% Duty Cycle is suggested.
Line Regulation (%/VO) =
x 100
IAdj
1.0
µF
100
2.5k
2.0k
60
810
10k
220
50k
750
60k
100k
18k
4.0k
6.0k
1.0k
2.2k
100
18k
21k
100pF
5.0pF
240
2.0
pF
100k
5.0k
0.2
15
600
500
2.4k
15
155
0.1
Vin
500
Adjust
Vout
2.0k
15pF
30k
*
|VOH|



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com