Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP436S Datasheet(PDF) 2 Page - Anachip Corp

Part # AP436S
Description  Synchronous Rectifier MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP436S Datasheet(HTML) 2 Page - Anachip Corp

  AP436S Datasheet HTML 1Page - Anachip Corp AP436S Datasheet HTML 2Page - Anachip Corp AP436S Datasheet HTML 3Page - Anachip Corp AP436S Datasheet HTML 4Page - Anachip Corp AP436S Datasheet HTML 5Page - Anachip Corp AP436S Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP436
Synchronous Rectifier MOSFET Driver
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 4, 2005
2/6
Block Diagrams
V
DC
I
B2
V
R
Start-Up
Buffer
15K
V
OUT
V
CC
GND
5.6V
High
Speed
Comparator
Block
I
B1
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
14
V
VR
Reference input voltage
-0.3≦V≦2.5
V
VDC
Duty cycle input voltage
-0.3≦V≦VCC-2.1
V
VOUT
Output voltage to Ground
-0.7
V
PD
Power dissipation
1
W
TST
Storage temperature range
-65 to 150
oC
TOP
Operating temperature range
-40 to +125
oC
VOP
Operating voltage range
7.2 to 14
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com