Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS450J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS450J
Description  16:1 Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS450J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM74LS450J Datasheet HTML 1Page - National Semiconductor (TI) DM74LS450J Datasheet HTML 2Page - National Semiconductor (TI) DM74LS450J Datasheet HTML 3Page - National Semiconductor (TI) DM74LS450J Datasheet HTML 4Page - National Semiconductor (TI) DM74LS450J Datasheet HTML 5Page - National Semiconductor (TI) DM74LS450J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCC
7V
Input Voltage
55V
Off-State Output Voltage
55V
Storage Temperature
b
65 to a150 C
Operating Conditions
Symbol
Parameter
Military
Commercial
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
TA
Operating Free-Air Temperature
b
55
125
075
C
Case temperature
Electrical Characteristics Over Operating Conditions
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIL
Low-Level Input Voltage
08
V
VIH
High-Level Input Voltage
2
V
VIC
Input Clamp Voltage
VCCeMIN
IIeb18 mA
b
15
V
IIL
Low-Level Input Current
VCCeMAX
VIe04V
b
025
mA
IIH
High-Level Input Current
VCCeMAX
VIe24V
25
m
A
II
Maximum Input Current
VCCeMAX
VIe55V
1
mA
VCCeMIN
VOL
Low-Level Output Voltage
VILe08V
IOLe8 mA
05
V
VIHe2V
VCCeMIN
MIL
IOHeb2mA
VOH
High-Level Output Voltage
VILe08V
24
V
VIHe2V
COM
IOHeb32 mA
IOS
Output Short-Circuit Current
VCCe50V
VOe0V
b
30
b
130
mA
ICC
Supply Current
VCCeMAX
60
100
mA
No more than one output should be shorted at a time and duration of the short-circuit should not exceed one second
All typical values are at VCCe5V TAe25 C
Switching Characteristics Over Operating Conditions
Symbol
Parameter
Test Conditions
Military
Commercial
Units
(See Test Load)
Min
Typ
Max
Min
Typ
Max
CLe50 pF
tPD
Any Input to Y or W
R1e560X
25
45
25
40
ns
R2e11kX
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com