Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMDIP2012050LP7B1U Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # AMDIP2012050LP7B1U
Description  Low Profile Thickness
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

AMDIP2012050LP7B1U Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  AMDIP2012050LP7B1U Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION AMDIP2012050LP7B1U Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION AMDIP2012050LP7B1U Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION AMDIP2012050LP7B1U Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION AMDIP2012050LP7B1U Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION AMDIP2012050LP7B1U Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Approval sheet
Page 4 of 6
ASC_AMDIP2012050LP7B1U_V01
Mar.2015
RELIABILITY TEST
TEST
PROCEDURE / TEST METHOD
REQUIREMENT
Resistance to soldering heat
(R.S.H)
MIL-STD-202
method 210
Un-mounted chips completely immersed
for 10±1second in a SAC solder bath at
270℃±5ºC
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -55 ~
125°C.
Loss of metallization on the edges of each
electrode shall not exceed 25
Solderability
J-STD-002
a)4hrs / 155℃*dry then solder dipping 235
℃/5sec
b)Steam 8 hrs then 215℃ / 5sec solder
dipping
c)Steam 8 hrs then 260℃ / 7sec solder
dipping
95% coverage min., good tinning and no
visible damage
Temperature cycling
JESD22
method JA-104
1000 cycles, -55℃ ~ +125℃, dwell time
30min
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -55 ~
125°C.
Humidity
MIL-STD-202
method 103
1000+48/-0 hours; 85
°C, 85% RH
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -55 ~
125°C.
High Temperature Exposure
MIL-STD-202
method 108
1000+48/-0 hours; without load in a
temperature chamber controlled 125±3°C
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -55 ~
125°C.
Mechanical Shock
MIL-STD-202
method 213
1/2 Sine Pulse / 100g Peak / Velocity
12.3ft/sec
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -55 ~
125°C.
Board Flex
AEC-Q200-005
RF component mounted on a 90mm glass
epoxy resin PCB(FR4), bending once
2mm for 60sec
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -55 ~
125°C.
Terminal strength
AEC-Q200-006
Pressurizing force: 1.8Kg, Test time:
60±1sec.
Only 0402 for 1.0kg/60sec
No remarkable damage or removal of the
terminations
Vibration
MIL-STD-202
method 204
Test 5g’s for 20min., 12 cycles each of 3
orientations
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -55 ~
125°C.
ESD
AEC-Q200-002
Test contact 1.0KV ( 0.5KV for 1005 only) No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -55 ~
125°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com