Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF06P Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # MF06P
Description  RoHS compliant and Halogen free and Lead free products
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF06P Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  MF06P Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Approval sheet
Page 2 of 8
ASC_MFxxP_AUTO_V01
JUL 2017
FEATURE
1.
Automotive grade AEC Q-200 compliant
2.
High reliability 1% stability
3.
100% CCD inspection
4.
RoHS compliant and Halogen free and Lead free products
5.
High power rating up to 2W
6.
Anti-sulfur against H2S 3ppm 40
’C, 90% RH, 1000hrs
APPLICATION
1.
High accuracy dc-power supply
2.
Digital multi-meter
3.
Telecommunication
4.
Computer
5.
Automotive industry
6.
Medical and military equipment
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The
composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to
nominated value within tolerance which controlled by laser trimming of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.
Fig 1. Construction of Chip-R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com