Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WA02B Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA02B
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA02B Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WA02B Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_WA02B_V02
Jan - 2013
QUICK REFERENCE DATA
Item
General Specification
Series No.
WA02B
Size
0201x2 (0603x2)
Termination construction
Flat type
Resistance Tolerance
±5%, ±1% (E24 series)
Resistance Range
±5%: 10Ω ~ 1MΩ, Jumper (< 50mΩ)
±1%: 10Ω ~ 100KΩ
TCR (ppm/
°C)
10
Ω ~ 29.5Ω: ≤ ± 350 ppm/°C
30
Ω ~ 1MΩ: ≤ ± 200 ppm/°C
Max. dissipation at Tamb=70
°C
1/32 W
Max. Operation Voltage (DC or RMS)
12.5V
Max. overload voltage
25V
Rated current for Jumper
1A
Operation temperature
-55 ~ +125’C
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS(unit:
:
:
:mm)
WA02B
L
0.80
± 0.10
W
0.60
± 0.10
T
0.35
± 0.10
P
0.50 typical
A1
0.30
± 0.10
C
0.15
± 0.10
D
0.15
± 0.10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com