Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF10A Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10A
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10A Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  WF10A Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10A Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10A Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10A Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10A Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10A Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10A Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Approval sheet
Page 6 of 7
ASC_WF10A_V02
MAY - 2016
TEST
PROCEDURE / TEST METHOD
REQUIREMENT
Resistor
Temperature
cycling
Clause 4.19
30 minutes at -55
C3C, 2~3 minutes at 20°C+5°C-1°C, 30
minutes at +155
C3C, 2~3 minutes at 20°C+5°C-1°C, total
5 continuous cycles
R/R max. (1%+0.05)
Damp Heat
(Load life in
humidity)
Clause 4.24
1000 +48/-0 hours, loaded with RCWV or Vmax continuously
in humidity chamber controller at 40
C2C and 90~95%
relative humidity,
R/R max. (3%+0.10)
Load Life
(Endurance)
Clause 4.25
1000+48/-0 hours; loaded with RCWV or Vmax in chamber
controller 70±2ºC, 1.5 hours on and 0.5 hours off
R/R max. (3%+0.10)
Bending strength
Clause 4.33
Resistors mounted on a 90mm glass epoxy resin PCB(FR4),
bending once 3mm for 10sec.
No visual damaged,
R/R max. (1%+0.05)
Adhesion
Clause 4.32
Pressurizing force: 5N, Test time: 10±1sec.
No remarkable damage or removal of
the terminations
Insulation
Resistance
Clause 4.6
Apply the maximum overload voltage (DC) for 1minutes
R≧1GΩ
Dielectric Withstand
Voltage
Clause 4.7
Apply the maximum overload voltage (AC) for 1 minutes
No breakdown or flashover



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com