Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF10A1202FTL Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10A1202FTL
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10A1202FTL Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WF10A1202FTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10A1202FTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10A1202FTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10A1202FTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10A1202FTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10A1202FTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10A1202FTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Approval sheet
Page 4 of 7
ASC_WF10A_V02
MAY - 2016
MARKING
1202 = 12Kohm
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken
from the E96 & E24 series for resistors with a
tolerance of
1%, 5%. The values of the
E24/E96 series are in accordance with “IEC
publication 60063”.
Derating
The power that the resistor can dissipate depends
on the operating temperature; see Fig.2
SOLDERING CONDITION
The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260
C for 10
seconds. Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other discrete
components on the reverse (mixed PCBs).
Surface Mount Resistors are tested for solderability at 235
C during 2 seconds. The test condition for no
leaching is 260
C for 30 seconds. Typical examples of soldering processes that provide reliable joints without
any damage are given in Fig 3.
Fig 3. Infrared soldering profile for Chip Resistors
Fig 2. Maximum dissipation in percentage of rated
power
As a function of the ambient temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com