Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T18RW3LP Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # T18RW3LP
Description  T18 Series Sensors (AC Voltage)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

T18RW3LP Datasheet(HTML) 1 Page - Banner Engineering Corp.

  T18RW3LP Datasheet HTML 1Page - Banner Engineering Corp. T18RW3LP Datasheet HTML 2Page - Banner Engineering Corp. T18RW3LP Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
For complete technical information about this product, including dimensions, accessories, and specifications, see http://
www.bannerengineering.com and search for your model number. See also document 121525.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so
could lead to serious injury or death. This device does not include the self-
checking redundant circuitry necessary to allow its use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or
de-energized sensor output condition.
Models
Models 1
Sensing Mode
Range
LED
Output
T183E
Opposed
20 m (66 ft)
Infrared, 950 nm
-
T18AW3R
LO
T18RW3R
DO
T18AW3L
Retroreflective with Gain Control
2 m (79 in) 2
LO
T18RW3L
DO
T18AW3LP
Polarized Retroreflective
Visible Red, 680 nm
LO
T18RW3LP
DO
T18AW3D
Diffuse with Gain Control
300 mm (12 in)
Infrared, 880 nm
LO
T18RW3D
DO
T18AW3FF25
Fixed Field
25 mm (1 in) Cutoff
LO
T18RW3FF25
DO
T18AW3FF50
50 mm (2 in) Cutoff
LO
T18RW3FF50
DO
T18AW3FF100
100 mm (4 in) Cutoff
LO
T18RW3FF100
DO
Wiring
Cabled Emitters
All Other Cabled Models
Key
1
3
20-250 V ac
+
−
1
3
4
20-250 V ac
Load
+
−
1. Brown
2. White
3. Blue
4. Black
1 Standard 2 m (6.5 ft) cable models are listed.
•
To order the 9 m (30 ft) cable models, add suffix W/30 (for example, T183E W/30).
•
To order the 4-pin Micro-style QD models, add suffix Q1 (for example, T183EQ1). A model with a QD connector requires a mating cable.
2 Use polarized models when shiny objects will be sensed.
T18 Series Sensors (AC Voltage)
Original Document
116164 Rev. C
18 October 2017
116164


Similar Part No. - T18RW3LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T18R ETC2-T18R Datasheet
701Kb / 2P
Military Spectification Ties
logo
HellermannTyton.
T18R HELLERMANNTYTON-T18R Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
T18R HELLERMANNTYTON-T18R Datasheet
165Kb / 3P
Cable ties for temperatures up to 150 °C (5000 h) in polyamide 4.6
December 2021
T18R HELLERMANNTYTON-T18R Datasheet
151Kb / 3P
Polypropylene cable ties for higher chemical resistance and temperatures up to 115 °C
December 2021
T18R HELLERMANNTYTON-T18R Datasheet
204Kb / 4P
Cable ties for temperatures up to 105°C (heatstabilised)
December 2021
More results

Similar Description - T18RW3LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S30 ETC2-S30 Datasheet
842Kb / 7P
Sensors - ac-Voltage
logo
OptoSupply Internationa...
OST18FD09GD-R5RUT831A OPTOSUPPLY-OST18FD09GD-R5RUT831A Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED
OST18FS09GD-R5RUT831A OPTOSUPPLY-OST18FS09GD-R5RUT831A Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED
OST18FD09GD-XXXXT531B OPTOSUPPLY-OST18FD09GD-XXXXT531B Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED
OST18FS09GD-XXXXT531B OPTOSUPPLY-OST18FS09GD-XXXXT531B Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
AC CURRENT SENSORS
logo
Banner Engineering Corp...
S30 BANNER-S30 Datasheet
341Kb / 7P
S30 Sensors AC-Voltage Series
logo
TDK Electronics
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
Clamp AC Current Sensors
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
Clamp AC Current Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com