Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5945 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5945
Description  Quad Network Power Controller for Power-Over-LAN
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5945 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5945 Datasheet HTML 17Page - Maxim Integrated Products MAX5945 Datasheet HTML 18Page - Maxim Integrated Products MAX5945 Datasheet HTML 19Page - Maxim Integrated Products MAX5945 Datasheet HTML 20Page - Maxim Integrated Products MAX5945 Datasheet HTML 21Page - Maxim Integrated Products MAX5945 Datasheet HTML 22Page - Maxim Integrated Products MAX5945 Datasheet HTML 23Page - Maxim Integrated Products MAX5945 Datasheet HTML 24Page - Maxim Integrated Products MAX5945 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Message Format for Writing the MAX5945
A write to the MAX5945 comprises of the MAX5945’s
slave address transmission with the R/W bit set to 0, fol-
lowed by at least one byte of information. The first byte
of information is the command byte (Figure 11). The
command byte determines which register of the
MAX5945 is written to by the next byte, if received. If
the MAX5945 detects a STOP condition after receiving
the command byte, then the MAX5945 takes no further
action beyond storing the command byte. Any bytes
received after the command byte are data bytes. The
first data byte goes into the internal register of the
MAX5945 selected by the command byte. If the
MAX5945 transmits multiple data bytes before the
MAX5945 detects a STOP condition, these bytes store
in subsequent MAX5945 internal registers because the
control byte address auto-increments.
Any bytes received after the control byte are data
bytes. The first data byte goes into the internal register
of the MAX5945 selected by the control byte (Figure 8).
If multiple data bytes are transmitted before a STOP
condition is detected, these bytes are stored in subse-
quent MAX5945 internal registers because the control
byte address auto-increments.
Quad Network Power Controller
for Power-Over-LAN
______________________________________________________________________________________
21
Figure 11. Control Byte Received
SA
A
P
0
SLAVE ADDRESS
CONTROL BYTE
ACKNOWLEDGE FROM MAX5945
ACKNOWLEDGE FROM MAX5945
D15
D14
D13
D12
D11
D10
D9
D8
CONTROL BYTE IS STORED ON RECEIPT OF STOP CONDITION
R/W
Figure 12. Control and Single Data Byte Received
SA
A
A
P
0
SLAVE ADDRESS
CONTROL BYTE
DATA BYTE
ACKNOWLEDGE FROM MAX5945
1 BYTE
AUTO-INCREMENT
MEMORY WORD ADDRESS
D15 D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW CONTROL BYTE AND DATA BYTE MAP
INTO THE REGISTER
ACKNOWLEDGE FROM MAX5945
ACKNOWLEDGE FROM MAX5945
R/W
Figure 13. ‘n’ Data Bytes Received
SA
A
A
P
0
SLAVE ADDRESS
CONTROL BYTE
DATA BYTE
ACKNOWLEDGE FROM MAX5945
n BYTES
AUTO-INCREMENT
MEMORY WORD ADDRESS
D15 D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW CONTROL BYTE AND DATA BYTE MAP
INTO THE REGISTER
ACKNOWLEDGE FROM MAX5945
ACKNOWLEDGE FROM MAX5945
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com