Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2946366 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2946366
Description  Relay Module - EMG 17-REL/KSR- 24/21/SO54
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2946366 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2946366 Datasheet HTML 1Page - PHOENIX CONTACT 2946366 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/2946366
10/31/2014   Page 1 / 2
Relay Module - EMG 17-REL/KSR- 24/21/SO54 - 2946366
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay module, with soldered-in miniature switching relay, contact (AgNi): Medium to large loads, 1 PDT, input
voltage 24 V AC/DC
 
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
59.26 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001
ETIM
ETIM 2.0
EC000196
ETIM 3.0
EC000196


Similar Part No. - 2946366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2946311 PHOENIX-2946311 Datasheet
47Kb / 2P
Relay Module - EMG 17-REL/KSR- 15/21
2946395 PHOENIX-2946395 Datasheet
47Kb / 2P
Relay Module - EMG 17-REL/KSR-120/21/SO54
More results

Similar Description - 2946366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2940401 PHOENIX-2940401 Datasheet
60Kb / 4P
Relay Module - EMG 17-REL/KSR- 48/21-21-LC
2941439 PHOENIX-2941439 Datasheet
73Kb / 5P
Relay Module - EMG 17-REL/KSR- 24/21-21-LC AU
2946311 PHOENIX-2946311 Datasheet
47Kb / 2P
Relay Module - EMG 17-REL/KSR- 15/21
2946395 PHOENIX-2946395 Datasheet
47Kb / 2P
Relay Module - EMG 17-REL/KSR-120/21/SO54
2947420 PHOENIX-2947420 Datasheet
44Kb / 2P
Relay Module - EMG 17-REL/KSR- 12/21
2953854 PHOENIX-2953854 Datasheet
89Kb / 2P
EMG 17-REL/KSR- 24/21
2964733 PHOENIX-2964733 Datasheet
41Kb / 2P
Relay Module - EMG 17-REL/KSR- 24/21-21 SO119
2940391 PHOENIX-2940391 Datasheet
244Kb / 5P
Relay Module - EMG 17-REL/KSR- 24/21-21-LC
2940430 PHOENIX-2940430 Datasheet
241Kb / 6P
Relay Module - EMG 17-REL/KSR-W230/21-21-LC
10/27/2021
2956026 PHOENIX-2956026 Datasheet
480Kb / 3P
Relay Module - EMG 17-REL/KSR-120/21
10/27/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com