Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DL640H70EE Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29DL640H70EE
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640H70EE Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29DL640H70EE Datasheet HTML 20Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 21Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 22Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 23Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 24Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 25Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 26Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 27Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
22
Am29DL640H
February 9, 2005
Table 11.
Primary Vendor-Specific Extended Query
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII (reflects modifications to the silicon)
44h
88h
0033h
Minor version number, ASCII (reflects modifications to the CFI table)
45h
8Ah
000Ch
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Silicon Revision Number (Bits 7-2)
46h
8Ch
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
8Eh
0001h
Sector Protect
0 = Not Supported, X = Number of sectors per group
48h
90h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
92h
0004h
Sector Protect/Unprotect scheme
01 =29F040 mode, 02 = 29F016 mode, 03 = 29F400, 04 = 29LV800
mode
4Ah
94h
0077h
Simultaneous Operation
00 = Not Supported, X = Number of Sectors (excluding Bank 1)
4Bh
96h
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
98h
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
9Ah
0085h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
9Ch
0095h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
9Eh
0001h
Top/Bottom Boot Sector Flag
00h = Uniform device, 01h = 8 x 8 Kbyte Sectors, Top And Bottom Boot
with Write Protect, 02h = Bottom Boot Device, 03h = Top Boot Device,
04h= Both Top and Bottom
50h
A0h
0001h
Program Suspend
0 = Not supported, 1 = Supported
57h
AEh
0004h
Bank Organization
00 = Data at 4Ah is zero, X = Number of Banks
58h
B0h
0017h
Bank 1 Region Information
X = Number of Sectors in Bank 1
59h
B2h
0030h
Bank 2 Region Information
X = Number of Sectors in Bank 2
5Ah
B4h
0030h
Bank 3 Region Information
X = Number of Sectors in Bank 3
5Bh
B6h
0017h
Bank 4 Region Information
X = Number of Sectors in Bank 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com