| Electronic Components Datasheet Search |
|
CS9236-CL Datasheet(PDF) 25 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS9236-CL Datasheet(HTML) 25 Page - Cirrus Logic |
|
25 / 34 page ![]() CS9236 DS214PP11 25 Channel Mode Messages ALL SOUNDS OFF (Controller 120) BnH 78H 00H n = MIDI channel number 0 - FH (1 - 16) The ALL SOUNDS OFF message is used to immediately turn off all sounds on the specified MIDI channel. Sounds which are turned off using ALL SOUNDS OFF do not proceed through the normal release stage of their amplitude envelope(s). RESET ALL CONTROLLERS (Controller 121) BnH 79H 00H n = MIDI channel number 0 - FH (1 - 16) The RESET ALL CONTROLLERS message is used to reset MIDI Controller values for the specified MIDI channel back to their initial/default states. The RESET ALL CONTROLLERS message will restore the following parameter values in the CS9236 (Note that restoration of the PITCH BEND CHANGE value in response to RESET ALL CONTROLLERS will not affect notes already in progress): Controller/MIDI parameter Value after RESET ALL CONTROLLERS PITCH BEND CHANGE 40H, 40H (center) CHANNEL PRESSURE 0H (Off) MODULATION WHEEL 0H (Off) EXPRESSION 7FH (127) HOLD1 (Sustain) 0H (Off) ALL NOTES OFF (Controller 123) BnH 7BH 00H n = MIDI channel number 0 - FH (1 - 16) The ALL NOTES OFF message is used to turn off all notes on the specified MIDI channel. Notes which are turned off using ALL NOTES OFF will proceed through the normal release stage of their amplitude envelope(s). The DAMPER PEDAL (MIDI Controller 64) ON takes priority over the NOTE OFF and ALL NOTES OFF messages: the NOTE OFF or ALL NOTES OFF messages are recognized, but not acted on until the DAMPER PEDAL is released (OFF). The SOSTENUTO PEDAL (MIDI Controller 66) ON takes priority over the NOTE OFF and ALL NOTES OFF messages in a similar way, with the exception that SOSTENUTO only affects notes which were already active at the time that SOSTENUTO was switched from OFF to ON (See description of DAMPER PEDAL and SOSTENUTO messages). OMNI MODE OFF (Controller 124) BnH 7CH 00H n = MIDI channel number 0 - FH (1 - 16) The CS9236 responds to the OMNI MODE OFF message as if it were an ALL NOTES OFF message (See ALL NOTES OFF). The specified channel remains in OMNI OFF mode (All channels operate only in OMNI OFF mode in the CS9236). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |